Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8TT100 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części 8TT100
Szczegółowy opis  High Performance Schottky Generation 5.0, 8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8TT100 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  8TT100 Datasheet HTML 1Page - Vishay Siliconix 8TT100 Datasheet HTML 2Page - Vishay Siliconix 8TT100 Datasheet HTML 3Page - Vishay Siliconix 8TT100 Datasheet HTML 4Page - Vishay Siliconix 8TT100 Datasheet HTML 5Page - Vishay Siliconix 8TT100 Datasheet HTML 6Page - Vishay Siliconix 8TT100 Datasheet HTML 7Page - Vishay Siliconix 8TT100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94536
2
Revision: 05-Sep-08
8TT100
Vishay High Power Products
High Performance
Schottky Generation 5.0, 8 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop
VFM (1)
8 A
TJ = 25 °C
-0.72
V
16 A
-
0.85
8 A
TJ = 125 °C
-0.58
16 A
-
0.69
Reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
-65
µA
TJ = 125 °C
-
4
mA
Junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
520
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
8.0
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
-
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
2
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.5
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-220AC
8TT100


Podobny opis - 8TT100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
16CTT100 VISHAY-16CTT100 Datasheet
113Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 8 A
Revision: 08-Sep-08
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 20-Jan-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_12 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
Revision: 24-Jul-08
63CPT100 VISHAY-63CPT100 Datasheet
92Kb / 7P
   High Performance Schottky Generation 5.0, 60 A
22-Oct-07
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
MBR10T100 VISHAY-MBR10T100_V01 Datasheet
144Kb / 8P
   High Performance Schottky Generation 5.0, 10 A
02-Oct-12
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
02-Oct-12
18TT045-F VISHAY-18TT045-F_V01 Datasheet
140Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
02-Oct-12
18TT045-F VISHAY-18TT045-F Datasheet
141Kb / 8P
   High Performance Schottky Generation 5.0, 18 A
Revision: 01-Apr-09
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com