Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD135 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części BD135
Szczegółowy opis  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BD135 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  BD135 Datasheet HTML 1Page - Central Semiconductor Corp BD135 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C)
SYMBOL BD135
BD137
BD139
UNITS
Collector-Base Voltage
VCBO
45
60
100
V
Collector-Emitter Voltage
VCEO
45
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.5
A
Peak Collector Current
ICM
2.0
A
Continuous Base Current
IB
0.5
A
Peak Base Current
IBM
1.0
A
Power Dissipation (Tmb≤70°C)
PD
8.0
W
Power Dissipation (TA=25°C)
PD
1.25
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJmb
10
°C/W
Thermal Resistance
ΘJA
100
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
100
nA
ICBO
VCB=30V, TC=125°C
10
µA
IEBO
VEB=5.0V
100
nA
BVCEO
IC=30mA (BD135)
45
V
BVCEO
IC=30mA (BD137)
60
V
BVCEO
IC=30mA (BD139)
80
V
VCE(SAT)
IC=500mA, IB=50mA
0.5
V
VBE(ON)
VCE=2.0V, IC=500mA
1.0
V
hFE
VCE=2.0V, IC=5.0mA
40
hFE
VCE=2.0V, IC=150mA
63
250
hFE
VCE=2.0V, IC=500mA
25
fT
VCE=5.0V, IC=50mA, f=100MHz
190
MHz
BD135-10
BD135-16
BD137-10
BD137-16
BD139-10
BD139-16
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
hFE
VCE=2.0V, IC=500mA
63
160
100
250
BD135
BD137
BD139
NPN SILICON TRANSISTOR
TO-126 CASE
Central
Semiconductor Corp.
TM
R3 (18-September 2009)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BD135,
BD137, and BD139 are NPN Silicon Epitaxial
Planar Transistors designed for audio amplifier
and switching applications.
MARKING: FULL PART NUMBER


Podobny numer części - BD135

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Micro Commercial Compon...
BD135 MCC-BD135 Datasheet
357Kb / 3P
   Power Transistors NPN Silicon 45,60,80 Volts
logo
Jiangsu Changjiang Elec...
BD135 JIANGSU-BD135 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Inchange Semiconductor ...
BD135 ISC-BD135 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - BD135

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com