Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJE722 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części MJE722
Szczegółowy opis  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MJE722 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  MJE722 Datasheet HTML 1Page - Central Semiconductor Corp MJE722 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
MJE710
MJE711
MJE712
SYMBOL
MJE720
MJE721
MJE722
UNITS
Collector-Base Voltage
VCBO
40
60
80
V
Collector-Emitter Voltage
VCEO
40
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.5
A
Base Current
IB
0.5
A
Power Dissipation
PD
1.25
W
Power Dissipation (TC=25°C)
PD
20
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
100
°C/W
Thermal Resistance
ΘJC
6.25
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEV
VCE=Rated VCEO, VBE(OFF)=1.5V
100
μA
ICEV
VCE=Rated VCEO, VBE(OFF)=1.5V (TC=125°C)
500
μA
ICEO
VCE=1/2 Rated VCEO
500
μA
IEBO
VEB=5.0V
1.0
mA
BVCEO
IC=50mA (MJE710, MJE720)
40
V
BVCEO
IC=50mA (MJE711, MJE721)
60
V
BVCEO
IC=50mA (MJE712, MJE722)
80
V
VCE(SAT)
IC=150mA, IB=15mA
0.15
V
VCE(SAT)
IC=500mA, IB=50mA
0.4
V
VCE(SAT)
IC=1.5A, IB=300mA
1.0
V
VBE(SAT)
IC=1.5A, IB=300mA
1.3
V
VBE(ON)
VCE=1.0V, IC=500mA
0.95
V
hFE
VCE=1.0V, IC=150mA
40
hFE
VCE=1.0V, IC=500mA
20
hFE
VCE=1.0V, IC=1.0A
8.0
COMPLEMENTARY SILICON
POWER TRANSISTORS
TO-126 CASE
Central
Semiconductor Corp.
TM
R1 (16-September 2008)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MJE710, MJE720
series types are Complementary Silicon Power
Transistors designed for low power amplifier and
medium speed switching aplications.
MARKING: FULL PART NUMBER
MJE710
MJE711
MJE712
PNP
MJE720
MJE721
MJE722
NPN


Podobny numer części - MJE722

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
MJE722 CENTRAL-MJE722 Datasheet
76Kb / 1P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
MJE722 CENTRAL-MJE722 Datasheet
140Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Podobny opis - MJE722

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com