Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTS734L1 Arkusz danych(PDF) 5 Page - Siemens Semiconductor Group

Numer części BTS734L1
Szczegółowy opis  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS734L1 Arkusz danych(HTML) 5 Page - Siemens Semiconductor Group

  BTS734L1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
BTS 734 L1
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
5
Leakage output current (included in
Ibb(off))
VIN = 0
IL(off)
--
--
20
µA
Operating current 10),
VIN = 5V, Tj =-40...+150°C
IGND = IGND1 + IGND2,
one channel on:
two channels on:
IGND
--
--
1.8
3.6
4
8
mA
Protection Functions
Initial peak short circuit current limit, (see timing
diagrams, page 13)
each channel, Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(SCp)
47
35
21
55
44
26
66
54
34
A
two parallel channels
twice the current of one channel
Repetitive short circuit current limit,
Tj = Tjt
each channel
two parallel channels
(see timing diagrams, page 13)
IL(SCr)
--
--
19
19
--
--
A
Initial short circuit shutdown time
Tj,start =-40°C:
Tj,start = 25°C:
(see page 11 and timing diagrams on page 13)
toff(SC)
--
--
3
2.5
--
--
ms
Output clamp (inductive load switch off)11)
at VON(CL) = Vbb - VOUT
VON(CL)
41
47
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse Battery
Reverse battery voltage 12)
-
Vbb
--
--
32
V
Drain-source diode voltage (Vout > Vbb)
IL = - 4.8 A, Tj = +150°C
-
VON
--
600
--
mV
10
) Add IST, if IST > 0
11
) If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest
VON(CL)
12
) Requires a 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Power dissipation is higher compared to normal operating
conditions due to the voltage drop across the drain-source diode. The temperature protection is not active
during reverse current operation! Input and Status currents have to be limited (see max. ratings page 3 and
circuit page 8).


Podobny numer części - BTS734L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
   PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
BTS730 INFINEON-BTS730 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
BTS730 INFINEON-BTS730_07 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
logo
Siemens Semiconductor G...
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
More results

Podobny opis - BTS734L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BTS707 SIEMENS-BTS707 Datasheet
162Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS725L1 SIEMENS-BTS725L1 Datasheet
169Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS620L1 SIEMENS-BTS620L1 Datasheet
138Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS621L1 SIEMENS-BTS621L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS726L1 SIEMENS-BTS726L1 Datasheet
182Kb / 15P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS612N1 SIEMENS-BTS612N1 Datasheet
183Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com