Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTS734L1 Arkusz danych(PDF) 3 Page - Siemens Semiconductor Group

Numer części BTS734L1
Szczegółowy opis  Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS734L1 Arkusz danych(HTML) 3 Page - Siemens Semiconductor Group

  BTS734L1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS734L1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BTS 734 L1
Maximum Ratings at
Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Semiconductor Group
3
Load current (Short-circuit current, see page 5)
IL
self-limited
A
Load dump protection2)
VLoadDump = UA + Vs, UA = 13.5 V
RI3) = 2
Ω, td = 200 ms; IN = low or high,
each channel loaded with
RL = 2.8
Ω,
VLoaddump4)
60
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)5)
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3.8
2.0
W
Inductive load switch-off energy dissipation, single pulse
Vbb = 12V, Tj,start = 150°C5),
IL = 4.8 A, ZL = 44 mH, 0 Ω
one channel:
IL = 7.3 A, ZL = 44 mH, 0 Ω
two parallel channels:
see diagrams on page 10
EAS
0.65
1.5
J
Electrostatic discharge capability (ESD)
(Human Body Model)
VESD
1.0
kV
Input voltage (DC)
VIN
-10 ... +16
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagram page 8
IIN
IST
±2.0
±5.0
mA
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
junction - soldering point5),6)
each channel:
Rthjs
--
--
11
K/W
junction - ambient5)
one channel active:
all channels active:
Rthja
--
--
40
33
--
--
2
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins, e.g. with a
150
Ω resistor in the GND connection and a 15 kΩ resistor in series with the status pin. A resistor for input
protection is integrated.
3)
RI = internal resistance of the load dump test pulse generator
4)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
5
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 16
6
)
Soldering point: upper side of solder edge of device pin 15. See page 16


Podobny numer części - BTS734L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
   PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
BTS730 INFINEON-BTS730 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
BTS730 INFINEON-BTS730_07 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
logo
Siemens Semiconductor G...
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
More results

Podobny opis - BTS734L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BTS707 SIEMENS-BTS707 Datasheet
162Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS725L1 SIEMENS-BTS725L1 Datasheet
169Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS620L1 SIEMENS-BTS620L1 Datasheet
138Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS621L1 SIEMENS-BTS621L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS726L1 SIEMENS-BTS726L1 Datasheet
182Kb / 15P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS612N1 SIEMENS-BTS612N1 Datasheet
183Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com