Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB140DS51 Arkusz danych(PDF) 3 Page - SIPAT Co,Ltd

Numer części LB140DS51
Szczegółowy opis  140MHz SAW Filter 23.9MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIPAT [SIPAT Co,Ltd]
Strona internetowa  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS51 Arkusz danych(HTML) 3 Page - SIPAT Co,Ltd

  LB140DS51 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS51 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS51 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LB140DS51
Rev. Date
2012-03-09
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
140MHz SAW Filter
23.9MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:LB
Number:LB
Number:LB
Number:LB140DS51
140DS51
140DS51
140DS51
Frequency Response
Passband Response
90
100
110
120
130
140
150
160
170
180
190
-101.3371
-91.3371
-81.3371
-71.3371
-61.3371
-51.3371
-41.3371
-31.3371
-21.3371
-11.3371
-1.3371
Type Performance
Frequency(MHz)
125
130
135
140
145
150
155
-13.8371
-13.3371
-12.8371
-12.3371
-11.8371
-11.3371
-10.8371
-10.3371
-9.8371
-9.3371
-8.8371
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
130
135
140
145
150
550
600
650
700
750
800
850
900
X: 140
Y: 743.3
Type Performance
Frequency(MHz)
X: 128
Y: 768.3
X: 152
Y: 694
130
135
140
145
150
-10
-5
0
5
10
X: 140
Y: 0.04162
Type Performance
Frequency(MHz)
X: 152
Y: 10.1
X: 128
Y: -0.6937
Horizontal: 5MHz/Div
Vertical: 50ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Podobny numer części - LB140DS51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIPAT Co,Ltd
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
   140MHz SAW Filter
More results

Podobny opis - LB140DS51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIPAT Co,Ltd
LBT14066 SIPAT-LBT14066 Datasheet
269Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
   140MHz SAW Filter 16MHz Bandwidth
LB140DS15 SIPAT-LB140DS15 Datasheet
146Kb / 3P
   140MHz SAW Filter 20MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
   140MHz SAW Filter 24MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
   140MHz SAW Filter 29MHz Bandwidth
LBN140A69 SIPAT-LBN140A69 Datasheet
176Kb / 3P
   140MHz SAW Filter 26MHz Bandwidth
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter 13.2MHz Bandwidth
LBN14018 SIPAT-LBN14018 Datasheet
195Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBN14073 SIPAT-LBN14073 Datasheet
142Kb / 3P
   140MHz SAW Filter 24.1MHz Bandwidth
LBN14081 SIPAT-LBN14081 Datasheet
144Kb / 3P
   140MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com