Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LBWA1ZZVK7-539 Arkusz danych(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Numer części LBWA1ZZVK7-539
Szczegółowy opis  802.11b/g module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LBWA1ZZVK7-539 Arkusz danych(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button LBWA1ZZVK7-539 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LBWA1ZZVK7-539 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LBWA1ZZVK7-539 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LBWA1ZZVK7-539 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LBWA1ZZVK7-539 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LBWA1ZZVK7-539 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LBWA1ZZVK7-539 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LBWA1ZZVK7-539 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LBWA1ZZVK7-539 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Preliminary Specification Number: SP-ZZVK
P. 7/23
Preliminary & Confidential
< Specification may be changed by Murata without notice >
Murata Manufacturing Co., Ltd.
28
SCL
-
-
3000
SCL
I2C to EEPROM
Connect to SCL_EEPROM
pin
29
SDA
-
-
3000
SDA
I2C to EEPROM
Connect to SDA_EEPROM
pin
30
NS_URAT_DBG
31
FUNC4
IO
-
-
3000
NS_UARTD
Networking subsystem UART
Debug line
32
FUNC2
IO
-
-
3000
FUNC2
Connect to WL_RS232_RX
pin with 2kohm resister.
33
GND
-
-
-
-
-
Ground
34
GND
-
-
-
-
-
Ground
35
SDA_EEPROM
-
-
-
Moe
mory
EEPROM
Connect to SDA pin
36
SCL_EEPROM
-
-
-
Moe
mory
EEPROM
Connect to SCL pin
37
GND
3000
NC (D)
NC
38
GND
-
-
-
-
-
Ground
39
GND
-
-
-
-
-
Ground
40
GND
Ground
41
GND
Ground
42
GND
-
-
-
-
-
Ground
43
GND
-
-
-
-
-
Ground
44
2.4G_ANT
I/O
-
WLAN
-
-
RF transmitter output and RF
receiver input
45
GND
-
-
-
-
-
Ground
46
GND
-
-
-
-
-
Ground
47
GND
-
-
-
-
-
Ground
48
GND
-
-
-
-
-
Ground
49
~
76
GND
-
-
-
-
-
Ground


Podobny numer części - LBWA1ZZVK7-539

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
LBWA1ZV1CD-716 MURATA-LBWA1ZV1CD-716 Datasheet
1Mb / 24P
   WiFi Module Data Sheet
More results

Podobny opis - LBWA1ZZVK7-539

ProducentNumer częściArkusz danychSzczegółowy opis
logo
silex technology americ...
SX-SDMGN SILEX-SX-SDMGN Datasheet
1,011Kb / 2P
   802.11b/g/n SDIO Module
REV D. 20192903
logo
Texas Instruments
CC3000 TI1-CC3000_16 Datasheet
1Mb / 19P
[Old version datasheet]   Module ??Wi-Fi 802.11b/g Network Processor
logo
Skyworks Solutions Inc.
SKY65206-13 SKYWORKS-SKY65206-13_09 Datasheet
1Mb / 12P
   WLAN 802.11b/g Intera Front-End Module
SKY65206-13 SKYWORKS-SKY65206-13 Datasheet
371Kb / 7P
   WLAN 802.11b/g Intera??Front-End Module
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A Datasheet
75Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQP6M9002 TRIQUINT-TQP6M9002 Datasheet
58Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQF9046 TRIQUINT-TQF9046_15 Datasheet
249Kb / 1P
   802.11b/g/n BT WLAN Front End Module
logo
Microchip Technology
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com