Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUZ101 Arkusz danych(PDF) 2 Page - Siemens Semiconductor Group

Numer części BUZ101
Szczegółowy opis  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ101 Arkusz danych(HTML) 2 Page - Siemens Semiconductor Group

  BUZ101 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
2
07/96
BUZ 101
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = -40 °C
V(BR)DSS
50
-
-
V
Gate threshold voltage
VGS=VDS, ID = 1 mA
VGS(th)
2.1
3
4
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = 25 °C
VDS = 50 V, VGS = 0 V, Tj = -40 °C
VDS = 50 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
10
1
0.1
100
100
1
µA
nA
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 10 V, ID = 21 A
RDS(on)
-
0.036
0.06


Podobny numer części - BUZ101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
BUZ101 ISC-BUZ101 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ101L SIEMENS-BUZ101L Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

Podobny opis - BUZ101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ342 SIEMENS-BUZ342 Datasheet
214Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com