Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11988HR Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LB11988HR
Szczegółowy opis  Monolithic Digital IC Fan Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11988HR Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LB11988HR_12 Datasheet HTML 1Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 2Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 3Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 4Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 5Page - Sanyo Semicon Device LB11988HR_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
20812 SY 20120124-S00009//52506 MH IM B8-7845 No.A0300-1/6
LB11988HR
Overview
LB11988HR is a motor driver IC optimal for driving the DC fan motors.
Functions
• Three-phase full-wave current linear drive
• Built-in current limiter circuit
• Built-in saturation prevention circuits in both the upper and lower sides of the output stage
• Forward/backward rotation direction setting circuit built in
• FG amplifier
• Thermal shutdown circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
24
V
VS max
24
V
Maximum output current
IO max
1.3
A
Allowable power dissipation
Pd max
Independent IC
0.8
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high
voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Allowable Operating Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VS
5 to 22
V
VCC
7 to 22
V
Hall input amplitude
VHALL
Between Hall inputs
±30 to ±80
mVo-p
Monolithic Digital IC
Fan Motor Driver
Ordering number : ENA0300A


Podobny numer części - LB11988HR_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
More results

Podobny opis - LB11988HR_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com