Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIA78MR06PI Arkusz danych(PDF) 2 Page - KEC(Korea Electronics)

Numer części KIA78MR06PI
Szczegółowy opis  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78MR06PI Arkusz danych(HTML) 2 Page - KEC(Korea Electronics)

  KIA78MR06PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78MR06PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78MR06PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78MR06PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78MR06PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78MR06PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78MR06PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78MR06PI Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2002. 1. 9
2/8
KIA78MR05PI~KIA78MR15PI
Revision No : 0
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, IO=0.25A, Ta=25℃, Note1.)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
KIA78MR05
VO
-
4.88
5.0
5.12
V
KIA78MR06
-
5.85
6.0
6.15
KIA78MR08
-
7.80
8.0
8.2
KIA78MR09
-
8.78
9.0
9.22
KIA78MR10
-
9.75
10.0
10.25
KIA78MR12
-
11.70
12.0
12.30
KIA78MR15
-
14.70
15.0
15.30
Load Regulation
Reg Load
IO=5mA~0.5A
-
0.1
2.0
%
Line Regulation
Reg Line
(Note2)
-
0.5
2.5
%
Ripple Rejection
R・R
-
55
65
-
dB
Drop Out Voltage
VD
IO=0.5A, (Note3)
-
-
0.5
V
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
20
μA
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
-0.4
mA
Quiescent Current
IQ
IO=0
-
-
10
mA
Note1) VIN of KIA78MR05=7V
Note2) VIN of KIA78MR05=6~12V
Note3) At VIN=0.95VO
"
KIA78MR06=8V
" KIA78MR06=7~15V
"
KIA78MR08=10V
" KIA78MR08=9~25V
"
KIA78MR09=15V
" KIA78MR09=10~25V
"
KIA78MR10=16V
" KIA78MR10=11~26V
"
KIA78MR12=18V
" KIA78MR12=13~29V
"
KIA78MR15=21V
" KIA78MR15=16~32V
BLOCK DIAGRAM
OVER HEAT
PROTECTION
CONTROL
OUTPUT ON/OFF
ASO
PROTECTION
BANDGAP
REFERENCE
-
+
1
4
2
3
Vo
VIN
Control
GND


Podobny numer części - KIA78MR06PI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIA78MR18PI KEC-KIA78MR18PI Datasheet
707Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR25PI KEC-KIA78MR25PI Datasheet
707Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR30PI KEC-KIA78MR30PI Datasheet
707Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR33PI KEC-KIA78MR33PI Datasheet
707Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR35PI KEC-KIA78MR35PI Datasheet
707Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Podobny opis - KIA78MR06PI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com