Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUZ21L Arkusz danych(PDF) 3 Page - Siemens Semiconductor Group

Numer części BUZ21L
Szczegółowy opis  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ21L Arkusz danych(HTML) 3 Page - Siemens Semiconductor Group

  BUZ21L Datasheet HTML 1Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 2Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 3Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 4Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 5Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 6Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 7Page - Siemens Semiconductor Group BUZ21L Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
01/97
BUZ 21 L
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 10.5 A
gfs
8
14
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
1200
1500
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
320
580
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
160
260
Turn-on delay time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
td(on)
-
25
40
ns
Rise time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
tr
-
110
170
Turn-off delay time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
td(off)
-
210
270
Fall time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
tf
-
100
130


Podobny numer części - BUZ21L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BUZ21L INFINEON-BUZ21L Datasheet
90Kb / 8P
   SIPMOS Power Transistor
05.99
More results

Podobny opis - BUZ21L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com