Zakładka z wyszukiwarką danych komponentów |
|
KIA78R033FP Arkusz danych(PDF) 3 Page - KEC(Korea Electronics) |
|
KIA78R033FP Arkusz danych(HTML) 3 Page - KEC(Korea Electronics) |
3 / 8 page 2007. 3. 15 3/8 KIA78R015FP~KIA78R050FP Revision No : 0 ELECTRICAL CHARACTERISTICS KIA78R015FP (Unless otherwise specified, VIN=3.8V, Tj=25 ) CHARACTERISTIC SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=3.8V, IOUT=0.5A 1.45 1.5 1.55 V 2.8V VIN 12V, 5mA IOUT 1A, 0 Tj 125 1.434 1.5 1.566 Line Regulation Reg Line 2.8V VIN 12V, IOUT=0.5A - 5 20 mV Load Regulation Reg Load VIN=3.8V, 5mA IOUT 1A - 5 20 mV Quiescent Current IB 2.8V VIN 12V, IOUT=0A - 0.8 1.8 mA 2.8V VIN 12V, IOUT=1A - 10 20 Starting Quiescent Current IBstart VIN=2.1V, IOUT=0A - 0.7 5 mA VIN=2.5V, IOUT=1A - 10 30 Output Noise Voltage VNO VIN=3.8V, IOUT=50mA, 10Hz f 100kHz - 75 - Vrms Ripple Rejection R R 2.8V VIN 12V, IOUT=50mA, f=120Hz 53 65 - dB Dropout Voltage VD IOUT=0.5A - 0.5 0.7 V IOUT=1A - 0.6 - Quiescent Current (OFF mode) IQ(OFF) VC=0.4V, 2.8V VIN 12V - 0.5 5 A Output Control Voltage (ON) VC(ON) IOUT=0.1A 2 - - V Output Control Voltage (OFF) VC(OFF) - - - 0.8 V Output Control Current (ON) IC(ON) VIN=VC=3.8V, IOUT=0.1A - 20 100 A Output Control Current (OFF) IC(OFF) VIN=3.8V, VC=0V - 0.1 2 A ELECTRICAL CHARACTERISTICS KIA78R018FP (Unless otherwise specified, VIN=3.8V, Tj=25 ) CHARACTERISTIC SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=3.8V, IOUT=0.5A 1.75 1.8 1.85 V 2.8V VIN 12V, 5mA IOUT 1A, 0 Tj 125 1.732 1.8 1.868 Line Regulation Reg Line 2.8V VIN 12V, IOUT=0.5A - 5 20 mV Load Regulation Reg Load VIN=3.8V, 5mA IOUT 1A - 5 20 mV Quiescent Current IQ 2.8V VIN 12V, IOUT=0A - 0.8 1.8 mA 2.8V VIN 12V, IOUT=1A - 10 20 Starting Quiescent Current IQ(start) VIN=2.1V, IOUT=0A - 0.7 5 mA VIN=2.5V, IOUT=1A - 10 30 Output Noise Voltage VNO VIN=3.8V, IOUT=50mA, 10Hz f 100kHz - 75 - Vrms Ripple Rejection R R 2.8V VIN 12V, IOUT=50mA, f=120Hz 53 65 - dB Dropout Voltage VD IOUT=0.5A - 0.3 0.5 V IOUT=1A - 0.5 - Quiescent Current (OFF mode) IQ(OFF) VC=0.4V, 2.8V VIN 12V - 0.5 5 A Output Control Voltage (ON) VC(ON) IOUT=0.1A 2 - - V Output Control Voltage (OFF) VC(OFF) - - - 0.8 V Output Control Current (ON) IC(ON) VIN=VC=3.8V, IOUT=0.1A - 20 100 A Output Control Current (OFF) IC(OFF) VIN=3.8V, VC=0V - 0.1 2 A |
Podobny numer części - KIA78R033FP |
|
Podobny opis - KIA78R033FP |