Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DLR1414 Arkusz danych(PDF) 2 Page - Siemens Semiconductor Group

Numer części DLR1414
Szczegółowy opis  145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

DLR1414 Arkusz danych(HTML) 2 Page - Siemens Semiconductor Group

  DLR1414 Datasheet HTML 1Page - Siemens Semiconductor Group DLR1414 Datasheet HTML 2Page - Siemens Semiconductor Group DLR1414 Datasheet HTML 3Page - Siemens Semiconductor Group DLR1414 Datasheet HTML 4Page - Siemens Semiconductor Group DLR1414 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2–2
DLR/DLO/DLG1414
Maximum Ratings
DC Supply Voltage ....................... –0.5 to +7.0 Vdc
Input Voltage Levels Relative
to GND (all inputs) ............. –0.5 to VCC +0.5 Vdc
Operating Temperature ..................–40
°C to +85°C
Storage Temperature....................–40
°C to +100°C
Maximum Solder Temperature ........063" (1.59 mm)
below Seating Plane, t<5 sec. ................... 260
°C
Relative Humidity at 85
°C ................................85%
Optical Characteristics
Spectral Peak Wavelength
Red ................................................... 660 nm typ.
High Efficiency Red (HER) ............... 630 nm typ.
Green ................................................ 565 nm typ.
Viewing Angle (off normal axis)
Horizontal.....................................................
±50°
Vertical .........................................................
±75°
Character Height........................................... 0.145"
Time Averaged Luminous Intensity1
(100% brightness, VCC=5 V)
Red ............................................ 50
µcd/LED typ.
HER............................................ 60
µcd/LED typ.
Green ......................................... 70
µcd/LED typ.
LED to LED Intensity Matching ........... 1.8:1.0 max.
LED to LED Hue Matching at VCC=5 V
(Green only) .....................................
±2 nm max.
Note 1: Peak luminous intensity values can be calculated
by multiplying these values by 7.
Figure 1. Top view
Figure 2. Timing characteristics (VCC=4.5 V)
Pin
Function
Pin
Function
1
D5 Data Input
7
GND
2
D4 Data Input
8
D0 Data Input (LSB)
3WR Write
9
D1 Data Input
4
A1 Digit Select
10
D2 Data Input
5
A0 Digit Select
11
D3 Data Input
6VCC
12
D6 Data Input (MSB)
1
2
3
4
5
6
12
11
10
9
8
7
digit digit digit digit
3
2
1
0
Note: These waveforms are not edge triggered.
TW
TAS
A0, A1
D0-D6
WR
TAH
TACC
2.0 V
0.8 V
TDS
TDH
2.0 V
0.8 V
2.0 V
0.8 V
DC Characteristics
AC Characteristics
Guaranteed Minimum Timing Parameters at VCC=5.0 V ±0.5 V
Note: 1. TACC=Set Up Time + Write Time + Hold Time.
Parameter
–40
°C
+25
°C
+85
°C
Units
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
ICC 4 Digits on
20 dots/digit
90
120
80
105
70
95
mA
VCC=5 V
ICC Blank
2.8
4.0
2.3
3.0
2.0
2.5
mA
VCC=WR=5 V,
VIN=0 V
IIL (all inputs)
30
60
120
25
50
100
20
40
80
mA
VIN=0.8 V, VCC=5 V
VIH
2.0
2.0
2.0
VVCC=5 V ±0.5 V
VIL
0.8
0.8
0.8
V
VCC=5 V ±0.5 V
VCC
4.5
5.0
5.5
4.5
5.0
5.5
4.5
5.0
5.5
V
Parameter
Symbol
–40
°C
+25
°C
+85
°C
Units
Address Set Up Time
TAS
10
10
10
ns
Address Hold Time
TAH
20
30
40
ns
Write Time
TW
60
70
90
ns
Data Set Up Time
TDS
20
30
50
ns
Data Hold Time
TDH
20
30
40
ns
Access Time(1)
TACC
90
110
140
ns


Podobny numer części - DLR1414

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
More results

Podobny opis - DLR1414

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
DLR2416 SIEMENS-DLR2416 Datasheet
214Kb / 7P
   4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver
logo
Infineon Technologies A...
HDSP2000LP INFINEON-HDSP2000LP Datasheet
424Kb / 7P
   0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
April 4, 2000-11
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
   5 x 7 Dot Matrix Intelligent Display
logo
Siemens Semiconductor G...
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
   4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
   Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com