Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G10899 Arkusz danych(PDF) 3 Page - Hamamatsu Corporation

Numer części G10899
Szczegółowy opis  Wide spectral response range (0.5 to 1.7 關m)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G10899 Arkusz danych(HTML) 3 Page - Hamamatsu Corporation

  G10899 Datasheet HTML 1Page - Hamamatsu Corporation G10899 Datasheet HTML 2Page - Hamamatsu Corporation G10899 Datasheet HTML 3Page - Hamamatsu Corporation G10899 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
InGaAs PIN photodiodes
G10899 series
3
Shunt resistance vs. ambient temperature
Ambient temperature (°C)
1 G
Ω
-40
-20
0
40
60
100 M
Ω
1 M
Ω
100 k
Ω
10 M
Ω
10 G
Ω
100 G
Ω
1 T
Ω
20
80
100
G10899-01K
G10899-005K
G10899-003K
G10899-03K
G10899-02K
(Typ.)
KIRDB0411EC
KIRDA0150EA
Dimensional outlines (unit: mm)
G10899-003K/-005K/-01K
Window
3.0 ± 0.1
4.7 ± 0.1
5.4 ± 0.2
0.45
lead
Case
2.5 ± 0.2
Photosensitive
surface


Podobny numer części - G10899

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
G1089 ETC2-G1089 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1089 ETC2-G1089 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1089 HEYCO-G1089 Datasheet
92Kb / 1P
   Rubber Grommets
More results

Podobny opis - G10899

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
K1713-05 HAMAMATSU-K1713-05_06 Datasheet
102Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
K3413-05 HAMAMATSU-K3413-05_06 Datasheet
108Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
logo
API Delevan
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N700 API-SLSD-71N700 Datasheet
140Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
   Visible to IR spectral irradiance range
logo
Hamamatsu Corporation
S9066-111 HAMAMATSU-S9066-111 Datasheet
132Kb / 2P
   Photo IC diode Spectral response close to human eye sensitivity
S9219 HAMAMATSU-S9219 Datasheet
111Kb / 2P
   Si photodiode Spectral response like human eye
logo
TriQuint Semiconductor
HFET2MI TRIQUINT-HFET2MI Datasheet
313Kb / 6P
   0.5-關m HFET 2MI
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
   Frequency Range: 350.0 MHz to 1.7 GHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com