Zakładka z wyszukiwarką danych komponentów |
|
AM1523CE Arkusz danych(PDF) 1 Page - Analog Power |
|
AM1523CE Arkusz danych(HTML) 1 Page - Analog Power |
1 / 3 page AM1523CE Analog Power PRELIMINARY Publication Order Number: DS-AM1523CE_A 1 These miniature surface mount MOSFETs utilize a high cell density trench process to provide low rDS(on) and to ensure minimal power loss and heat dissipation. Typical applications are DC-DC converters and power management in portable and battery-powered products such as computers, printers, PCMCIA cards, cellular and cordless telephones. VDS (V) rDS(on) ( ) ID (A) 90 @ VGS = 4.5V 1.5 120 @ VGS = 2.5V 1.3 200 @ VGS = -4.5V -1.0 370 @ VGS = -2.5V -0.5 20 PRODUCT SUMMARY -20 • Low rDS(on) provides higher efficiency and extends battery life • Low thermal impedance copper leadframe SC70-6 saves board space • Fast switching speed • High performance trench technology Notes a. Surface Mounted on 1” x 1” FR4 Board. b. Pulse width limited by maximum junction temperature 1 2 3 4 5 6 Symbol N-Channe l P-Channe l Units VDS 20 -20 VGS 8 -8 TA=25 o C 1.5 1 TA=70 o C 1.3 0.9 IDM 0.7 -1.2 IS 0.25 -0.25 A TA=25 o C 0.3 0.3 TA=70 o C 0.21 0.21 TJ, Tstg o C ABSOLUTE MAXIMUM RATINGS (TA = 25 oC UNLESS OTHERWISE NOTED) Paramete r Pulsed Drain Current b V Gate-Source Voltage Drain-Source Voltage Continuous Drain Current a ID A Power Dissipation a PD Operating Junction and Storage Temperature Range W -55 to 150 Continuous Source Current (Diode Conduction) a Symbol Maximum Units t <= 5 sec 415 Steady-State 460 THERMAL RESISTANCE RATINGS Parameter oC/W Maximum Junction-to-Ambient a RTHJA |
Podobny numer części - AM1523CE |
|
Podobny opis - AM1523CE |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |