Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZPB70M Arkusz danych(PDF) 10 Page - Arizona Microtek, Inc

Numer części AZPB70M
Szczegółowy opis  Programmer Board Kit for AZT70/71
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZM [Arizona Microtek, Inc]
Strona internetowa  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZPB70M Arkusz danych(HTML) 10 Page - Arizona Microtek, Inc

Back Button AZPB70M Datasheet HTML 6Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 7Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 8Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 9Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 10Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 11Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 12Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 13Page - Arizona Microtek, Inc AZPB70M Datasheet HTML 14Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Arizona Microtek, Inc.
AZPB70
Programmer Board for AZT70/71
www.azmicrotek.com
+1-480-962-5881
10
Request a Sample
May 2012, Rev 1.2
AZT70/71
Programming
Board
(AZPB70)
X1
DA
CLK
PV
DA
CLK
PV
VSS
VDD
RESONATOR
OUT
OSCILLATOR
Figure 11 – AZT70/71 in Programming Mode
AZT70/71
X1
DA
CLK
PV
VSS
VDD
RESONATOR
OUT
OSCILLATOR
NC
NC
NC
Figure 12 – AZT70/71 in Operational Mode
PROGRAMMING MODES
The AZT70/71 has two capacitance setting modes from which bits are set and the matching capacitors are selected. Note
that all the following described operations can be simply controlled through the included software and programmer
board detailed previously.
• Reading directly from the shift register
o
This is useful for testing the capacitance and subsequent oscillator frequency. This mode is active after
the last bit is shifted in and when the CLK pin is left logic high. For the shift register, capacitors are
selected when bits are active HIGH.
• Reading from the value contained in the EEPROM
o
Prevents customer adjustment and retains factory programming and is active when the CLK pin is at logic
low or not connected. For the EEPROM, capacitors are selected when bits are active LOW.


Podobny numer części - AZPB70M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Podobny opis - AZPB70M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
   Programmer Board
logo
Schneider Electric
VW3A93120 SCHNEIDER-VW3A93120 Datasheet
72Kb / 1P
   Metal substitution kit for ATV61/71 - to ATV600/900
Jan 13, 2021
logo
Maxim Integrated Produc...
MAXQ30-FPBM-TFP3Q MAXIM-MAXQ30-FPBM-TFP3Q Datasheet
62Kb / 2P
   TFP3 Flash Programmer Board
7/30/2015
MAXQ30-FPBM-TFP3L MAXIM-MAXQ30-FPBM-TFP3L Datasheet
60Kb / 1P
   TFP3 Flash Programmer Board
7/30/2015
logo
Abracon Corporation
ASFLMB-BLANK ABRACON-ASFLMB-BLANK Datasheet
1Mb / 2P
   Programmer for PureSilicon Oscillators
05/16/11
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
logo
Melexis Microelectronic...
PTC04 MELEXIS-PTC04 Datasheet
630Kb / 15P
   Programmer for Melexis PTC Devices
logo
Freescale Semiconductor...
KTPFPGMEVMEUG FREESCALE-KTPFPGMEVMEUG Datasheet
2Mb / 48P
   KITPFPGMEVME Programmer for PF Series Devices
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com