Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N40G-TA3-K Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części 1N40G-TA3-K
Szczegółowy opis  1A, 400V N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N40G-TA3-K Arkusz danych(HTML) 4 Page - Unisonic Technologies

  1N40G-TA3-K Datasheet HTML 1Page - Unisonic Technologies 1N40G-TA3-K Datasheet HTML 2Page - Unisonic Technologies 1N40G-TA3-K Datasheet HTML 3Page - Unisonic Technologies 1N40G-TA3-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-529.b
TEST CIRCUITS AND WAVEFORMS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - 1N40G-TA3-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
1N40G-TA3-T UTC-1N40G-TA3-T Datasheet
173Kb / 4P
   1 Amps, 400 Volts N-CHANNEL POWER MOSFET
1N40G-TA3-T UTC-1N40G-TA3-T Datasheet
173Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Podobny opis - 1N40G-TA3-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STD1NC40-1 STMICROELECTRONICS-STD1NC40-1 Datasheet
51Kb / 5P
   N - CHANNEL 400V- 8ohm - 1A - IPAK PowerMESH II MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
5N40 UTC-5N40 Datasheet
198Kb / 6P
   5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
   12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
   10.5A, 400V N-CHANNEL POWER MOSFET
3N40 UTC-3N40 Datasheet
198Kb / 6P
   3A, 400V N-CHANNEL POWER MOSFET
4N40 UTC-4N40 Datasheet
153Kb / 3P
   4A, 400V N-CHANNEL POWER MOSFET
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
   6A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com