Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N40L-TF3-T Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części 6N40L-TF3-T
Szczegółowy opis  6A, 400V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N40L-TF3-T Arkusz danych(HTML) 2 Page - Unisonic Technologies

  6N40L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-487.d
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
6
A
Continuous
ID
6 (Note 5)
A
Drain Current
Pulsed (Note 2)
IDM
24(Note 5)
A
Single Pulsed (Note 3)
EAS
330
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
8.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
73
TO-220F
38
Power Dissipation
TO-252
PD
62.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L=19mH, IAS=5.5A, VDD= 50V, RG=25Ω, Starting TJ=25°C
4. ISD ≤6A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
5. Drain current limited by maximum junction temperature
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220 / TO-220F
62.5
Junction to Ambient
TO-252
θJA
110
°C/W
TO-220
1.71
TO-220F
3.31
Junction to Case
TO-252
θJC
2.0
°C/W


Podobny numer części - 6N40L-TF3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
6N40L-TF3-T UTC-6N40L-TF3-T Datasheet
169Kb / 6P
   6 Amps, 400 Volts N-CHANNEL POWER MOSFET
6N40L-TF3-T UTC-6N40L-TF3-T Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Podobny opis - 6N40L-TF3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Donghai Semicon...
730 WXDH-730 Datasheet
1Mb / 12P
   6A 400V N-channel Enhancement Mode Power MOSFET
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
   N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
logo
STMicroelectronics
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
   N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?줚I MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
   1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
   5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
   12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com