Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT2222A Arkusz danych(PDF) 6 Page - Unisonic Technologies

Numer części PZT2222A
Szczegółowy opis  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZT2222A Arkusz danych(HTML) 6 Page - Unisonic Technologies

  PZT2222A_12 Datasheet HTML 1Page - Unisonic Technologies PZT2222A_12 Datasheet HTML 2Page - Unisonic Technologies PZT2222A_12 Datasheet HTML 3Page - Unisonic Technologies PZT2222A_12 Datasheet HTML 4Page - Unisonic Technologies PZT2222A_12 Datasheet HTML 5Page - Unisonic Technologies PZT2222A_12 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PZT2222A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R207-001.D
TYPICAL CHARACTERISTICS(Cont.)
10
100
1000
160
0
Collector Current, IC (mA)
Turn On and Turn Off Times
vs. Collector Current
80
240
320
400
VCC =25V
tOFF
tON
IB1=IB2=
IC
10
10
100
1000
160
0
Collector Current, IC (mA)
Switching Times vs. Collector Current
80
240
320
400
VCC =25V
tS
tF
IB1=IB2=
IC
10
tR
tD
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - PZT2222A_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZT2222AT1 ONSEMI-PZT2222AT1 Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1/D ONSEMI-PZT2222AT1/D Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1D ONSEMI-PZT2222AT1D Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
More results

Podobny opis - PZT2222A_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com