Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4051PW Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LV4051PW
Szczegółowy opis  8-channel analog multiplexer/demultiplexer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4051PW Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LV4051PW Datasheet HTML 1Page - NXP Semiconductors 74LV4051PW Datasheet HTML 2Page - NXP Semiconductors 74LV4051PW Datasheet HTML 3Page - NXP Semiconductors 74LV4051PW Datasheet HTML 4Page - NXP Semiconductors 74LV4051PW Datasheet HTML 5Page - NXP Semiconductors 74LV4051PW Datasheet HTML 6Page - NXP Semiconductors 74LV4051PW Datasheet HTML 7Page - NXP Semiconductors 74LV4051PW Datasheet HTML 8Page - NXP Semiconductors 74LV4051PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
74LV4051_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 August 2009
4 of 26
NXP Semiconductors
74LV4051
8-channel analog multiplexer/demultiplexer
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 5.
Pin configuration SOT38-4
and SOT109-1
Fig 6.
Pin configuration
SOT338-1 and SOT403-1
Fig 7.
Pin configuration for
SOT763-1
74LV4051
Y4
VCC
Y6
Y2
ZY1
Y7
Y0
Y5
Y3
ES0
VEE
S1
GND
S2
001aak433
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74LV4051
Y4
VCC
Y6
Y2
ZY1
Y7
Y0
Y5
Y3
ES0
VEE
S1
GND
S2
001aak407
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aak408
74LV4051
VEE
S1
ES0
Y5
Y3
Y7
Y0
ZY1
Y6
Y2
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
GND
8
ground supply voltage
S0, S1, S2
11, 10, 9
select input
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7 13, 14, 15, 12, 1, 5, 2, 4 independent input or output
Z
3
common output or input
VCC
16
supply voltage


Podobny numer części - 74LV4051PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4051PW PHILIPS-74LV4051PW Datasheet
156Kb / 18P
   8-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4051PW NEXPERIA-74LV4051PW Datasheet
329Kb / 20P
   8-channel analog multiplexer/demultiplexer
Rev. 8 - 16 July 2021
74LV4051PW-Q100 NEXPERIA-74LV4051PW-Q100 Datasheet
289Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 1 - 16 July 2021
logo
NXP Semiconductors
74LV4051PWDH PHILIPS-74LV4051PWDH Datasheet
156Kb / 18P
   8-channel analog multiplexer/demultiplexer
1998 Jun 23
More results

Podobny opis - 74LV4051PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com