Zakładka z wyszukiwarką danych komponentów |
|
74LV4051PW Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
74LV4051PW Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 26 page 74LV4051_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 10 August 2009 6 of 26 NXP Semiconductors 74LV4051 8-channel analog multiplexer/demultiplexer 8. Recommended operating conditions [1] The static characteristics are guaranteed from VCC = 1.2 V to 6.0 V, but LV devices are guaranteed to function down to VCC = 1.0 V (with input levels GND or VCC). Table 5. Recommended operating conditions[1] Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage see Figure 8 1 3.3 6 V VI input voltage 0 - VCC V VSW switch voltage 0 - VCC V Tamb ambient temperature in free air −40 - +125 °C ∆t/∆V input transition rise and fall rate VCC = 1.0 V to 2.0 V - - 500 ns/V VCC = 2.0 V to 2.7 V - - 200 ns/V VCC = 2.7 V to 3.6 V - - 100 ns/V Fig 8. Guaranteed operating area as a function of the supply voltages VCC - VEE (V) 0 8.0 6.0 2.0 4.0 001aak344 4.0 2.0 6.0 8.0 VCC - GND (V) 0 operating area |
Podobny numer części - 74LV4051PW |
|
Podobny opis - 74LV4051PW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |