Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4053 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74LV4053
Szczegółowy opis  Triple single-pole double-throw analog switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4053 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74LV4053 Datasheet HTML 1Page - NXP Semiconductors 74LV4053 Datasheet HTML 2Page - NXP Semiconductors 74LV4053 Datasheet HTML 3Page - NXP Semiconductors 74LV4053 Datasheet HTML 4Page - NXP Semiconductors 74LV4053 Datasheet HTML 5Page - NXP Semiconductors 74LV4053 Datasheet HTML 6Page - NXP Semiconductors 74LV4053 Datasheet HTML 7Page - NXP Semiconductors 74LV4053 Datasheet HTML 8Page - NXP Semiconductors 74LV4053 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The 74LV4053 is a triple single-pole double-throw (SPDT) analog switch, suitable for use
as an analog or digital multiplexer/demultiplexer. It is a low-voltage Si-gate CMOS device
and is pin and function compatible with the 74HC4053 and 74HCT4053. Each switch has
a digital select input (Sn), two independent inputs/outputs (nY0 and nY1) and a common
input/output (nZ). All three switches share an enable input (E). A HIGH on E causes all
switches into the high-impedance OFF-state, independent of Sn.
VCC and GND are the supply voltage connections for the digital control inputs (Sn and E).
The VCC to GND range is 1 V to 6 V. The analog inputs/outputs (nY0, nY1 and nZ) can
swing between VCC as a positive limit and VEE as a negative limit. VCC − VEE may not
exceed 6 V. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND
(typically ground). VEE and VSS are the supply voltage connections for the switches.
2.
Features
I Optimized for low-voltage applications: 1.0 V to 3.6 V
I Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
I Low ON resistance:
N 180 Ω (typical) at VCC − VEE = 2.0 V
N 100 Ω (typical) at VCC − VEE = 3.0 V
N 75 Ω (typical) at VCC − VEE = 4.5 V
I Logic level translation:
N To enable 3 V logic to communicate with ±3 V analog signals
I Typical ‘break before make’ built in
I ESD protection:
N HBM JESD22-A114-C exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Multiple package options
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C
74LV4053
Triple single-pole double-throw analog switch
Rev. 04 — 10 August 2009
Product data sheet


Podobny numer części - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
logo
Texas Instruments
74LV4053A TI-74LV4053A Datasheet
820Kb / 22P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Nexperia B.V. All right...
74LV4053BQ NEXPERIA-74LV4053BQ Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
More results

Podobny opis - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
   Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com