Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4053 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74LV4053
Szczegółowy opis  Triple single-pole double-throw analog switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4053 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74LV4053 Datasheet HTML 6Page - NXP Semiconductors 74LV4053 Datasheet HTML 7Page - NXP Semiconductors 74LV4053 Datasheet HTML 8Page - NXP Semiconductors 74LV4053 Datasheet HTML 9Page - NXP Semiconductors 74LV4053 Datasheet HTML 10Page - NXP Semiconductors 74LV4053 Datasheet HTML 11Page - NXP Semiconductors 74LV4053 Datasheet HTML 12Page - NXP Semiconductors 74LV4053 Datasheet HTML 13Page - NXP Semiconductors 74LV4053 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
74LV4053_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 August 2009
10 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
9.3 On resistance waveform and test circuit
RON =VSW /ISW.
Fig 11. Test circuit for measuring RON
V
001aak347
GND
VI
VSW
ISW
switch
GND = VEE
S1 to S3
E
nZ
nY0
VIH or VIL
VCC
nY1
1
2
Vi = 0 V to VCC − VEE
Fig 12. Typical RON as a function of input voltage
VI (V)
0
4.8
1.2
2.4
3.6
001aak348
100
150
50
200
RON
(
Ω)
0
VCC = 2.0 V
VCC = 3.0 V
VCC = 4.5 V


Podobny numer części - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
logo
Texas Instruments
74LV4053A TI-74LV4053A Datasheet
820Kb / 22P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Nexperia B.V. All right...
74LV4053BQ NEXPERIA-74LV4053BQ Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
More results

Podobny opis - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
   Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com