Zakładka z wyszukiwarką danych komponentów |
|
74LV4053DB Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
74LV4053DB Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 26 page 74LV4053_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 10 August 2009 7 of 26 NXP Semiconductors 74LV4053 Triple single-pole double-throw analog switch 9. Static characteristics [1] Typical values are measured at Tamb = 25 °C. Table 6. Static characteristics At recommended operating conditions. Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max VIH HIGH-level input voltage VCC = 1.2 V 0.9 - - 0.9 - V VCC = 2.0 V 1.4 - - 1.4 - V VCC = 2.7 V to 3.6 V 2.0 - - 2.0 - V VCC = 4.5 V 3.15 - - 3.15 - V VCC = 6.0 V 4.20 - - 4.20 - V VIL LOW-level input voltage VCC = 1.2 V - - 0.3 - 0.3 V VCC = 2.0 V - - 0.6 - 0.6 V VCC = 2.7 V to 3.6 V - - 0.8 - 0.8 V VCC = 4.5 V - - 1.35 - 1.35 V VCC = 6.0 V - - 1.80 - 1.80 V II input leakage current VI =VCC or GND VCC = 3.6 V - - 1.0 - 1.0 µA VCC = 6.0 V - - 2.0 - 2.0 µA IS(OFF) OFF-state leakage current VI = VIH or VIL; see Figure 9 VCC = 3.6 V - - 1.0 - 1.0 µA VCC = 6.0 V - - 2.0 - 2.0 µA IS(ON) ON-state leakage current VI = VIH or VIL; see Figure 10 VCC = 3.6 V - - 1.0 - 1.0 µA VCC = 6.0 V - - 2.0 - 2.0 µA ICC supply current VI = VCC or GND; IO = 0 A VCC = 3.6 V - - 20 - 40 µA VCC = 6.0 V - - 40 - 80 µA ∆ICC additional supply current per input; VI = VCC − 0.6 V; VCC = 2.7 V to 3.6 V - - 500 - 850 µA CI input capacitance - 3.5 - - - pF Csw switch capacitance independent pins nYn - 5 - - - pF common pins nZ - 8 - - - pF |
Podobny numer części - 74LV4053DB |
|
Podobny opis - 74LV4053DB |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |