Zakładka z wyszukiwarką danych komponentów |
|
74LV4053PW Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74LV4053PW Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 26 page 74LV4053_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 10 August 2009 5 of 26 NXP Semiconductors 74LV4053 Triple single-pole double-throw analog switch 6. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care. 7. Limiting values [1] To avoid drawing VCC current out of terminal nZ, when switch current flows into terminals nYn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no VCC current will flow out of terminals nYn, and in this case there is no limit for the voltage drop across the switch, but the voltages at nYn and nZ may not exceed VCC or VEE. [2] The minimum input voltage rating may be exceeded if the input current rating is observed. [3] For DIP16 packages: above 70 °C the value of P tot derates linearly with 12 mW/K. For SO16 packages: above 70 °C the value of P tot derates linearly with 8 mW/K. For SSOP16 and TSSOP16 packages: above 60 °C the value of P tot derates linearly with 5.5 mW/K. For DHVQFN16 packages: above 60 °C the value of P tot derates linearly with 4.5 mW/K. Table 3. Function table [1] Inputs Channel on E Sn L L nY0 to nZ L H nY1 to nZ H X switches off Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground). Symbol Parameter Conditions Min Max Unit VCC supply voltage [1] −0.5 +7.0 V IIK input clamping current VI < −0.5 V or VI > VCC + 0.5 V [2] - ±20 mA ISK switch clamping current VSW < −0.5 V or VSW > VCC + 0.5 V [2] - ±20 mA ISW switch current VSW > −0.5 VorVSW <VCC + 0.5 V; source or sink current [2] - ±25 mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C [3] DIP16 package - 750 mW SO16 package - 500 mW TSSOP16 package - 500 mW DHVQFN16 package - 500 mW |
Podobny numer części - 74LV4053PW |
|
Podobny opis - 74LV4053PW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |