Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM14H-P05-35K-N52-TR Arkusz danych(PDF) 6 Page - Everlight Electronics Co., Ltd

Numer części KM14H-P05-35K-N52-TR
Szczegółowy opis  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

KM14H-P05-35K-N52-TR Arkusz danych(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button KM14H-P05-35K-N52-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
6
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Color
Order Code of EHP-B05
Luminous Flux
(lm) [1]
CCT(K)
Forward
Voltage
(V) [2]
CRI
Typ
CRI
Min
[3]
**/LM04H-P05/35K/N51/TR
350-400
400-450
35K-1~35K-4
6.0 - 7.0
75
70
**/LM04H-P05/30K/N51/TR
300-350
350-400
30K-1~30K-4
6.0 - 7.0
75
70
**/LM04H-P05/27K/N51/TR
300-350
350-400
27K-1~27K-4
6.0 - 7.0
75
70
PN of the B05 series: Typ. CRI 85 White LEDs
EHP-B05MLG represents by **
Color
Order Code of EHP-B05
Luminous
Flux (lm) [1]
CCT(K)
Forward
Voltage
(V) [2]
CRI
Typ
CRI
Min
[3]
**/KT04H-P05/65K/N52/TR
375-400
400-450
65K-1~65K-4
6.0 - 7.0
85
80
**/KT04H-P05/57K/N52/TR
375-400
400-450
57K-1~57K-4
6.0 - 7.0
85
80
**/KT04H-P05/50K/N52/TR
350-400
400-450
50K-1~50K-4
6.0 - 7.0
85
80
**/KM04H-P05/45K/N52/TR
350-400
400-450
**/KM14H-P05/45K/R11/TR
400-450
450-500
45K-1~45K-4
6.0 - 7.0
85
80
**/KM04H-P05/40K/N51/TR
325-350
350-400
**/KM14H-P05/40K/N52/TR
375-400
400-450
40K-1~40K-4
6.0 - 7.0
85
80
Cool
White
6500
Cool
White
5700
Cool
White
5000
Neutral
White
4000
Neutral
White
4500
Warm
White
2700
Warm
White
3000
Warm
White
3500


Podobny numer części - KM14H-P05-35K-N52-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kwazar-IS
KM140UD20 KWAZAR-KM140UD20 Datasheet
149Kb / 1P
   integrated circuit
More results

Podobny opis - KM14H-P05-35K-N52-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
   Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
   Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
   Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com