Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4066_2005 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LV4066_2005
Szczegółowy opis  Quad bilateral swiches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066_2005 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LV4066_2005 Datasheet HTML 1Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 2Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 3Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 4Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 5Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 6Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 7Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 8Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
9397 750 15209
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
4 of 23
Philips Semiconductors
74LV4066
Quad bilateral switches
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
7.1 Function table
Fig 4.
Pin configuration
4066
1Y
VCC
1Z
1E
2Z
4E
2Y
4Y
2E
4Z
3E
3Z
GND
3Y
001aad268
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3:
Pin description
Symbol
Pin
Description
1Y
1
independent input or output
1Z
2
independent output or input
2Z
3
independent output or input
2Y
4
independent input or output
2E
5
enable input
3E
6
enable input
GND
7
ground (0 V)
3Y
8
independent input or output
3Z
9
independent output or input
4Z
10
independent output or input
4Y
11
independent input or output
4E
12
enable input
1E
13
enable input
VCC
14
supply voltage
Table 4:
Function table
Input nE
Switch
LOW
off
HIGH
on


Podobny numer części - 74LV4066_2005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
74LV4066D PHILIPS-74LV4066D Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LV4066DB PHILIPS-74LV4066DB Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4066DB NEXPERIA-74LV4066DB Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

Podobny opis - 74LV4066_2005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4066_2004 PHILIPS-74HC4066_2004 Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com