Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4066_2005 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV4066_2005
Szczegółowy opis  Quad bilateral swiches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066_2005 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV4066_2005 Datasheet HTML 2Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 3Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 4Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 5Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 6Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 7Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 8Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 9Page - NXP Semiconductors 74LV4066_2005 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
9397 750 15209
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
6 of 23
Philips Semiconductors
74LV4066
Quad bilateral switches
10. Static characteristics
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage VCC = 1.2 V
0.90
-
-
V
VCC = 2.0 V
1.40
-
-
V
VCC = 2.7 V to 3.6 V
2.00
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.20
-
-
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0.30
V
VCC = 2.0 V
-
-
0.60
V
VCC = 2.7 V to 3.6 V
-
-
0.80
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.80
V
ILI
input leakage current
VI = VCC or GND
VCC = 3.6 V
-
-
1.0
µA
VCC = 6.0 V
-
-
2.0
µA
IS(OFF)
analog switch OFF-state
current
VI = VIH or VIL; see Figure 5
VCC = 3.6 V
-
-
1.0
µA
VCC = 6.0 V
-
-
2.0
µA
IS(ON)
analog switch ON-state
current
VI = VIH or VIL; see Figure 6
VCC = 3.6 V
-
-
1.0
µA
VCC = 6.0 V
-
-
2.0
µA
ICC
supply current
VI = VCC or GND; IO = 0 A
VCC = 3.6 V
-
-
20
µA
VCC = 6.0 V
-
-
40
µA
∆ICC
additional supply current
per input
VI = VCC − 0.6 V;
VCC = 2.7 V to 3.6 V
-
-
500
µA
Ci
input capacitance
-
3.5
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage VCC = 1.2 V
0.90
-
-
V
VCC = 2.0 V
1.40
-
-
V
VCC = 2.7 V to 3.6 V
2.00
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.20
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0.30
V
VCC = 2.0 V
-
-
0.60
V
VCC = 2.7 V to 3.6 V
-
-
0.80
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.80
V


Podobny numer części - 74LV4066_2005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
74LV4066D PHILIPS-74LV4066D Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LV4066DB PHILIPS-74LV4066DB Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4066DB NEXPERIA-74LV4066DB Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

Podobny opis - 74LV4066_2005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4066_2004 PHILIPS-74HC4066_2004 Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com