Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4066 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74LV4066
Szczegółowy opis  Quad bilateral swiches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74LV4066 Datasheet HTML 6Page - NXP Semiconductors 74LV4066 Datasheet HTML 7Page - NXP Semiconductors 74LV4066 Datasheet HTML 8Page - NXP Semiconductors 74LV4066 Datasheet HTML 9Page - NXP Semiconductors 74LV4066 Datasheet HTML 10Page - NXP Semiconductors 74LV4066 Datasheet HTML 11Page - NXP Semiconductors 74LV4066 Datasheet HTML 12Page - NXP Semiconductors 74LV4066 Datasheet HTML 13Page - NXP Semiconductors 74LV4066 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
9397 750 15209
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
10 of 23
Philips Semiconductors
74LV4066
Quad bilateral switches
11. Dynamic characteristics
Table 9:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol Parameter
Conditions
Min Typ Max Unit
Tamb = −40 °C to +85 °C [1]
tPHL,
tPLH
propagation delay Vis to Vos
see Figure 9
VCC = 1.2 V
-
8
-
ns
VCC = 2.0 V
-
5
26
ns
VCC = 2.7 V to 3.6 V
-
3
15
ns
VCC = 4.5 V
-
2
13
ns
VCC = 6.0 V
-
2
10
ns
tPZH,
tPZL
turn-on time nE to Vos
see Figure 9
VCC = 1.2 V
-
40
-
ns
VCC = 2.0 V
-
22
43
ns
VCC = 2.7 V to 3.6 V
-
12
25
ns
VCC = 3.3 V; CL = 15 pF
-
10
-
ns
VCC = 4.5 V
-
10
21
ns
VCC = 6.0 V
-
8
16
ns
tPHZ,
tPLZ
turn-off time nE to Vos
see Figure 9
VCC = 1.2 V
-
50
-
ns
VCC = 2.0 V
-
27
65
ns
VCC = 2.7 V to 3.6 V
-
15
38
ns
VCC = 3.3 V; CL = 15 pF
-
13
-
ns
VCC = 4.5 V
-
13
32
ns
VCC = 6.0 V
-
12
28
ns
CPD
power dissipation
capacitance per switch
VCC = 3.3 V; CL =15pF
[2] [3] -11
-
pF
Tamb = −40 °C to +125 °C
tPHL,
tPLH
propagation delay Vis to Vos
see Figure 9
VCC = 2.0 V
-
-
31
ns
VCC = 2.7 V to 3.6 V
-
-
18
ns
VCC = 4.5 V
-
-
15
ns
VCC = 6.0 V
-
-
12
ns
tPZH,
tPZL
turn-on time nE to Vos
see Figure 9
VCC = 2.0 V
-
-
51
ns
VCC = 2.7 V to 3.6 V
-
-
30
ns
VCC = 4.5 V
-
-
26
ns
VCC = 6.0 V
-
-
20
ns


Podobny numer części - 74LV4066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
74LV4066D PHILIPS-74LV4066D Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

Podobny opis - 74LV4066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4066_2004 PHILIPS-74HC4066_2004 Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com