Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

000-10400 Arkusz danych(PDF) 4 Page - Amphenol Corporation

Numer części 000-10400
Szczegółowy opis  MHV Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

000-10400 Arkusz danych(HTML) 4 Page - Amphenol Corporation

  000-10400 Datasheet HTML 1Page - Amphenol Corporation 000-10400 Datasheet HTML 2Page - Amphenol Corporation 000-10400 Datasheet HTML 3Page - Amphenol Corporation 000-10400 Datasheet HTML 4Page - Amphenol Corporation 000-10400 Datasheet HTML 5Page - Amphenol Corporation 000-10400 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
166
Amphenol® RF:
800-627-7100
Plugs
Straight
Plating
Cable Group
Part Number
Body
Contact
Military Reference
C
000-29100
Nickel
Silver
E
000-28000
Nickel
Silver
UG 932/U
E
000-27975
Nickel
Silver
UG 932A/U
Right Angle
Plating
Cable Group
Part Number
Body
Contact
E
000-28100
Nickel
Silver
Jacks
Straight Jack
Plating
Part Number
Body
Contact
Military Reference
000-27075
Nickel
Silver
UG 1016A/U
Panel Jack
Plating
Part Number
Body
Contact
000-28175
Nickel
Silver
MHV
MHV


Podobny numer części - 000-10400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
000-15875 AMPHENOL-000-15875 Datasheet
4Mb / 16P
   BNC Connectors
logo
Amphenol RF.
000-15875 RF-000-15875 Datasheet
149Kb / 1P
   BNC CRIMP PLUG FOR .070"-.092" RG-161/U, 178/U CABLE
07-May-21
logo
Amphenol Corporation
000-16050 AMPHENOL-000-16050 Datasheet
86Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
000-16075 AMPHENOL-000-16075 Datasheet
75Kb / 1P
   Adapters, Between Series Straight, Jack to Plug or Jack to Jack
000-16300 AMPHENOL-000-16300 Datasheet
53Kb / 1P
   BNC 50 ohm Cable Plugs
More results

Podobny opis - 000-10400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE34423 PASTERNACK-PE34423 Datasheet
265Kb / 1P
   CABLE ASSEMBLY RG225/U MHV MALE TO MHV MALE TO MHV MALE
PE9267 PASTERNACK-PE9267 Datasheet
251Kb / 3P
   MHV Female to MHV Female Adapter
PE3914 PASTERNACK-PE3914 Datasheet
264Kb / 1P
   CABLE ASSEMBLY RG142B/U MHV MALE TO MHV MALE
PE3735 PASTERNACK-PE3735 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG214/U,MHV MALE TO MHV MALE
PE9266 PASTERNACK-PE9266 Datasheet
237Kb / 2P
   MHV Male to MHV Female Right Angle Adapter
PE34423 PASTERNACK-PE34423 Datasheet
265Kb / 1P
   cable assembly rg225/u mhv male to mhv male
PE3098 PASTERNACK-PE3098 Datasheet
101Kb / 1P
   CABLE ASSEMBLY RG8A/U MHV MALE TO MHV MALE
PE34431 PASTERNACK-PE34431 Datasheet
266Kb / 1P
   CABLE ASSEMBLY, RG188/U, MHV MALE TO MHV MALE
PE34429 PASTERNACK-PE34429 Datasheet
102Kb / 1P
   CABLE ASSEMBLY, RG141/U, MHV MALE TO MHV MALE
PE9268 PASTERNACK-PE9268 Datasheet
239Kb / 2P
   Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com