Zakładka z wyszukiwarką danych komponentów |
|
Z-15G-B Arkusz danych(PDF) 1 Page - Omron Electronics LLC |
|
Z-15G-B Arkusz danych(HTML) 1 Page - Omron Electronics LLC |
1 / 6 page Z/A/X/DZ Common Accessories 177 Z/A/X/DZ Common Accessories Ordering Information ■ Terminal Covers (Sold Separately) Common to Z, A, X, and DZ Models The Terminal Cover is secured using the switch’s side mounting screws and protects the casing and terminal wires from dust, vibration, or fingers, thus preventing terminal short-circuiting, ground faults, wire disconnection or improper connection, and electric shock accidents. Terminal Covers made of phenol resin have five or six thin wall sections. These sections can be torn open to provide holes for lead cables at desired points. Note: Use the ‘Screw-terminal use’ Terminal Cover for DZ-series solder terminal models. ■ Separator (Sold Separately) Common to Z, A, X, and DZ Models Model: Separator for Z ■ Actuators (Sold Separately) Common to Z and X Models Pin Plunger Switches might need to be actuated by a cam or similar object, in which case, use one of the following Actuators according to the application. Note: ZAQ-22 is constructed of ferrous material. Therefore, it cannot be used with the X Switch, because of the permanent magnet contained within those models. Use the ZAQ-22 external panel mount roller plunger only with the Z or DZ switch. Application Soldering terminal use Screw terminal use Remarks Material Mounting direction Model Phenol resin Side mounting AP-A AP-B --- Metal press mold Side mounting AP1-A AP1-B Used for AP-A and AP-B Vinyl chloride Side mounting AP-Z --- Actuator Common to Z and X models ZAA-1 ZAA-2 Short ZAQ-3 Medium ZAQ-2 Long ZAQ-1 ZAQ-22 Hinge lever Hinge roller lever Panel mount plunger Panel mount roller plunger |
Podobny numer części - Z-15G-B |
|
Podobny opis - Z-15G-B |