Zakładka z wyszukiwarką danych komponentów |
|
Z0107MA Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
Z0107MA Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 14 page Z0107MA All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 04 — 21 March 2011 2 of 14 NXP Semiconductors Z0107MA 4Q Triac 2. Pinning information 3. Ordering information Static characteristics IGT gate trigger current VD =12V; IT = 0.1 A; T2+ G+; Tj =25°C; see Figure 7 --5 mA VD =12V; IT = 0.1 A; T2+ G-; Tj =25°C; see Figure 7 --5 mA VD =12V; IT = 0.1 A; T2- G-; Tj =25°C; see Figure 7 --5 mA VD =12V; IT = 0.1 A; T2- G+; Tj =25°C; see Figure 7 --7 mA Table 1. Quick reference data …continued Symbol Parameter Conditions Min Typ Max Unit Table 2. Pinning information Pin Symbol Description Simplified outline Graphic symbol 1 T2 main terminal 2 SOT54 (TO-92) 2 G gate 3 T1 main terminal 1 1 2 3 sym051 T1 G T2 Table 3. Ordering information Type number Package Name Description Version Z0107MA TO-92 plastic single-ended leaded (through hole) package; 3 leads SOT54 |
Podobny numer części - Z0107MA_11 |
|
Podobny opis - Z0107MA_11 |