Zakładka z wyszukiwarką danych komponentów |
|
Z0107MN Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
Z0107MN Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 15 page Z0107MN All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 05 — 21 March 2011 2 of 15 NXP Semiconductors Z0107MN 4Q Triac 2. Pinning information 3. Ordering information Static characteristics IGT gate trigger current VD =12V; IT = 0.1 A; T2+ G+; Tj = 25 °C; see Figure 9 --5 mA VD =12V; IT = 0.1 A; T2+ G-; Tj = 25 °C; see Figure 9 --5 mA VD =12V; IT = 0.1 A; T2- G-; Tj = 25 °C; see Figure 9 --5 mA VD =12V; IT = 0.1 A; T2- G+; Tj = 25 °C; see Figure 9 --7 mA Table 1. Quick reference data …continued Symbol Parameter Conditions Min Typ Max Unit Table 2. Pinning information Pin Symbol Description Simplified outline Graphic symbol 1 T1 main terminal 1 SOT223 (SOT223) 2 T2 main terminal 2 3 G gate 4 T2 main terminal 2 13 2 4 sym051 T1 G T2 Table 3. Ordering information Type number Package Name Description Version Z0107MN SOT223 plastic surface-mounted package with increased heatsink; 4 leads SOT223 |
Podobny numer części - Z0107MN_11 |
|
Podobny opis - Z0107MN_11 |