Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MA-ND Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części Z0103MA-ND
Szczegółowy opis  Logic level four-quadrant triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA-ND Arkusz danych(HTML) 3 Page - NXP Semiconductors

  Z0103MA-ND Datasheet HTML 1Page - NXP Semiconductors Z0103MA-ND Datasheet HTML 2Page - NXP Semiconductors Z0103MA-ND Datasheet HTML 3Page - NXP Semiconductors Z0103MA-ND Datasheet HTML 4Page - NXP Semiconductors Z0103MA-ND Datasheet HTML 5Page - NXP Semiconductors Z0103MA-ND Datasheet HTML 6Page - NXP Semiconductors Z0103MA-ND Datasheet HTML 7Page - NXP Semiconductors Z0103MA-ND Datasheet HTML 8Page - NXP Semiconductors Z0103MA-ND Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Z0103MA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 18 March 2011
3 of 13
NXP Semiconductors
Z0103MA
4Q Triac
4.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 45 °C;
see Figure 3; see Figure 1; see Figure 2
-1
A
ITSM
non-repetitive peak on-state
current
full sine wave; Tj(init) =25°C;
tp = 20 ms; see Figure 4; see Figure 5
-8
A
full sine wave; Tj(init) =25°C;
tp =16.7ms
-8.5
A
I2tI2t for fusing
tp = 10 ms; sine-wave pulse
-
0.32
A2s
dIT/dt
rate of rise of on-state current
IT =1A; IG =20mA; dIG/dt = 0.1 A/µs;
T2+ G+
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 0.1 A/µs;
T2+ G-
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 0.1 A/µs;
T2- G-
-50
A/µs
IT =1A; IG =20mA; dIG/dt = 0.1 A/µs;
T2- G+
-20
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C
Fig 1.
RMS on-state current as a function of lead
temperature; maximum values
Fig 2.
RMS on-state current as a function of surge
duration; maximum values
003aac264
0
0.4
0.8
1.2
-50
0
50
100
150
Tlead(°C)
IT(RMS )
(A)
003a a f977
0
4
8
12
16
10-2
10-1
1
10
surge duration (s)
IT(RMS)
(A)


Podobny numer części - Z0103MA-ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
More results

Podobny opis - Z0103MA-ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
   Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
   Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
   Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
   Logic level four-quadrant triac
Rev. 3-10 May 2011
logo
Unisonic Technologies
UZ0107 UTC-UZ0107_15 Datasheet
125Kb / 3P
   LOGIC LEVEL FOUR-QUADRANT TRIAC
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
   Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
   Logic level four-quadrant triac
Rev. 04-22 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com