Zakładka z wyszukiwarką danych komponentów |
|
Z0109NA,126 Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
Z0109NA,126 Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 14 page Z0109NA All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 05 — 21 March 2011 3 of 14 NXP Semiconductors Z0109NA 4Q Triac 4. Limiting values Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDRM repetitive peak off-state voltage - 800 V IT(RMS) RMS on-state current full sine wave; Tlead ≤ 45 °C; see Figure 3; see Figure 1; see Figure 2 -1 A ITSM non-repetitive peak on-state current full sine wave; Tj(init) =25°C; tp = 20 ms; see Figure 4; see Figure 5 -8 A full sine wave; Tj(init) =25°C; tp =16.7ms -8.5 A I2tI2t for fusing tp = 10 ms; sine-wave pulse - 0.32 A2s dIT/dt rate of rise of on-state current IT =1A; IG =20mA; dIG/dt = 0.1 A/µs; T2+ G+ -50 A/µs IT =1A; IG =20mA; dIG/dt = 0.1 A/µs; T2+ G- -50 A/µs IT =1A; IG =20mA; dIG/dt = 0.1 A/µs; T2- G- -50 A/µs IT =1A; IG =20mA; dIG/dt = 0.1 A/µs; T2- G+ -20 A/µs IGM peak gate current - 1 A PGM peak gate power - 2 W PG(AV) average gate power over any 20 ms period - 0.1 W Tstg storage temperature -40 150 °C Tj junction temperature - 125 °C Fig 1. RMS on-state current as a function of lead temperature; maximum values Fig 2. RMS on-state current as a function of surge duration; maximum values 003aac264 0 0.4 0.8 1.2 -50 0 50 100 150 Tlead(°C) IT(RMS ) (A) 003a a f977 0 4 8 12 16 10-2 10-1 1 10 surge duration (s) IT(RMS) (A) |
Podobny numer części - Z0109NA,126 |
|
Podobny opis - Z0109NA,126 |