Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103NN2AL2 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części Z0103NN2AL2
Szczegółowy opis  Standard 1A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103NN2AL2 Arkusz danych(HTML) 4 Page - STMicroelectronics

  Z0103NN2AL2 Datasheet HTML 1Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 2Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 3Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 4Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 5Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 6Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 7Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 8Page - STMicroelectronics Z0103NN2AL2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
Z01
4/12
Doc ID 7474 Rev 10
Figure 3.
On-state rms current versus
ambient temperature (free air
convection full cycle)
Figure 4.
Relative variation of thermal
impedance versus pulse duration
(Zth(j-a))
I
(A)
T(RMS)
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
R
= 60°C/W
(SOT-223)
th(j-a)
R
= 150°C/W
(TO-92)
th(j-a)
T
(°C)
amb
R
th (j-a) = 100°C/W
(SMBflat-3L)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z01xxMUF
Copper surface area
= 5cm²
Z01xxA
Z01xxN
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
Figure 5.
Relative variation of holding
current and latching current versus
junction temperature (typ. values)
Figure 6.
Relative variation of gate trigger
current (IGT) and voltage (VGT)
versus junction temperature
I, I [T ] /
HL
j
I , I [T =25°C]
HL
j
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
I
H
I
L
T (°C)
j
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Tj(°C)
I
GT,VGT[Tj]/ IGT,VGT[Tj=25 °C]
I
GT Q1-Q2
V
GT Q1-Q2-Q3-Q4
I
GT Q3
I
GT Q4
Figure 7.
Surge peak on-state current versus
number of cycles
Figure 8.
Non-repetitive surge peak
on-state current and corresponding
value of I2t sinusoidal pulse width
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
Number of cycles
Repetitive
T
= 95 °C
amb
Non repetitive
T initial = 25 °C
j
I
(A)
TSM
One cycle
T = 20 ms
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
t (ms)
p
I
(A), I t (A s)
TSM
22
It
2
dI/dt limitation:
20A/µs
T initial = 25°C
j
ITSM


Podobny numer części - Z0103NN2AL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0103NN2AL2 STMICROELECTRONICS-Z0103NN2AL2 Datasheet
74Kb / 8P
   1A TRIACS
Z0103NN2AL2 STMICROELECTRONICS-Z0103NN2AL2 Datasheet
96Kb / 9P
   1 A Triacs
More results

Podobny opis - Z0103NN2AL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com