Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0109MN0 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części Z0109MN0
Szczegółowy opis  4Q Triac Rev. 3 ??12 May 2011
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0109MN0 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button Z0109MN0 Datasheet HTML 4Page - NXP Semiconductors Z0109MN0 Datasheet HTML 5Page - NXP Semiconductors Z0109MN0 Datasheet HTML 6Page - NXP Semiconductors Z0109MN0 Datasheet HTML 7Page - NXP Semiconductors Z0109MN0 Datasheet HTML 8Page - NXP Semiconductors Z0109MN0 Datasheet HTML 9Page - NXP Semiconductors Z0109MN0 Datasheet HTML 10Page - NXP Semiconductors Z0109MN0 Datasheet HTML 11Page - NXP Semiconductors Z0109MN0 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Z0109MN0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 12 May 2011
8 of 17
NXP Semiconductors
Z0109MN0
4Q Triac
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+; Tj =25°C;
see Figure 9
0.4
-
10
mA
VD =12V; IT = 0.1 A; T2+ G-; Tj =25 °C;
see Figure 9
0.4
-
10
mA
VD =12V; IT = 0.1 A; T2- G-; Tj =25°C;
see Figure 9
0.4
-
10
mA
VD =12V; IT = 0.1 A; T2- G+; Tj =25 °C;
see Figure 9
0.4
-
10
mA
IL
latching current
VD =12V; IG = 0.1 A; T2+ G+; Tj =25°C;
see Figure 10
--15
mA
VD =12V; IG = 0.1 A; T2+ G-; Tj =25 °C;
see Figure 10
--30
mA
VD =12V; IG = 0.1 A; T2- G-; Tj =25°C;
see Figure 10
--15
mA
VD =12V; IG = 0.1 A; T2- G+; Tj =25 °C;
see Figure 10
--15
mA
IH
holding current
VD =12V; Tj =25°C; see Figure 11
--10
mA
VT
on-state voltage
IT = 1.4 A; Tj =25°C; see Figure 12
-1.3
1.6
V
VGT
gate trigger voltage
VD =12V; IT = 0.1 A; Tj =25 °C;
see Figure 13
--1.3
V
VD =600 V; IT = 0.1 A; Tj = 125 °C;
see Figure 13
0.2
--V
ID
off-state current
VD =600 V; Tj = 125 °C
-
-
0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM =402 V; Tj = 110 °C; gate open
circuit; exponential waveform;
see Figure 14
120
-
-
V/µs
dVcom/dt
rate of change of
commutating voltage
VD =400 V; Tj =110 °C;
dIcom/dt = 0.44 A/ms; gate open circuit
2
--V/µs


Podobny numer części - Z0109MN0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
Z0109MN0 WEEN-Z0109MN0 Datasheet
321Kb / 14P
   4Q Triac
More results

Podobny opis - Z0109MN0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1258EVM TI-ADS1258EVM Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com