Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1431MFK Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TL1431MFK
Szczegółowy opis  PRECISION PROGRAMMABLE REFERENCE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431MFK Arkusz danych(HTML) 2 Page - Texas Instruments

  TL1431MFK Datasheet HTML 1Page - Texas Instruments TL1431MFK Datasheet HTML 2Page - Texas Instruments TL1431MFK Datasheet HTML 3Page - Texas Instruments TL1431MFK Datasheet HTML 4Page - Texas Instruments TL1431MFK Datasheet HTML 5Page - Texas Instruments TL1431MFK Datasheet HTML 6Page - Texas Instruments TL1431MFK Datasheet HTML 7Page - Texas Instruments TL1431MFK Datasheet HTML 8Page - Texas Instruments TL1431MFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
REF
ANODE
CATHODE
+
CATHODE
ANODE
REF
Vref
TL1431
SLVS062M – DECEMBER 1991 – REVISED APRIL 2012
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PowerFLEX™ – KTP
Reel of 3000
TL1431CKTPR
OBSOLETE
Tube of 75
TL1431CD
SOIC – D
1431C
Reel of 2500
TL1431CDR
Bulk of 1000
TL1431CLP
0°C to 70°C
TO-226 / TO-92 – LP
Reel of 2000
TL1431CLPR
TL1431C
Ammo of 2000
TL1431CLPME3
Tube of 150
TL1431CPW
TSSOP – PW
T1431
Reel of 2000
TL1431CPWR
Tube of 75
TL1431QD
SOIC – D
TL1431QD
Reel of 2500
TL1431QDR
–40°C to 125°C
Tube of 150
TL1431QPW
TSSOP – PW
T1431QPW
Reel of 2000
TL1431QPWR
CDIP – JG
Tube of 50
TL1431MJG
TL1431MJG
–55°C to 125°C
LCCC – FK
Tube of 55
TL1431MFK
TL1431MFK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Figure 1. SYMBOL
Figure 2. FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 1991–2012, Texas Instruments Incorporated
Product Folder Link(s): TL1431


Podobny numer części - TL1431MFK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1431MFK TI-TL1431MFK Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431MFK TI-TL1431MFK Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431MFK TI-TL1431MFK Datasheet
603Kb / 26P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431MFK TI-TL1431MFK Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431MFK TI-TL1431MFK Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Podobny opis - TL1431MFK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com