Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1431CDG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TL1431CDG4
Szczegółowy opis  PRECISION PROGRAMMABLE REFERENCE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431CDG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TL1431CDG4 Datasheet HTML 3Page - Texas Instruments TL1431CDG4 Datasheet HTML 4Page - Texas Instruments TL1431CDG4 Datasheet HTML 5Page - Texas Instruments TL1431CDG4 Datasheet HTML 6Page - Texas Instruments TL1431CDG4 Datasheet HTML 7Page - Texas Instruments TL1431CDG4 Datasheet HTML 8Page - Texas Instruments TL1431CDG4 Datasheet HTML 9Page - Texas Instruments TL1431CDG4 Datasheet HTML 10Page - Texas Instruments TL1431CDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
REFERENCE CURRENT
vs
FREE-AIR TEMPERATURE
− 50
− 25
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
TA − Free-Air Temperature − °C
IKA = 10 mA
R1 = 10 k
R2 =
2.5
2.49
2.48
− 50
− 25
0
25
50
2.51
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
2.52
75
100
125
VI(ref) = VKA
IKA = 10 mA
TA − Free-Air Temperature − °C
0
− 50
− 100
− 150
− 3
− 2
− 1
50
100
CATHODE CURRENT
vs
CATHODE VOLTAGE
150
0
1
2
3
VKA − Cathode Voltage − V
VKA = VI(ref)
TA = 25°C
200
0
− 200
−1
0
1
2
3
4
400
600
CATHODE CURRENT
vs
CATHODE VOLTAGE
800
VKA − Cathode Voltage − V
VKA = VI(ref)
TA = 25°C
−2
TL1431
www.ti.com
SLVS062M – DECEMBER 1991 – REVISED APRIL 2012
Figure 7.
Figure 8.
Figure 9.
Figure 10.
Copyright © 1991–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TL1431


Podobny numer części - TL1431CDG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1431CDG4 TI-TL1431CDG4 Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CDG4 TI-TL1431CDG4 Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431CDG4 TI1-TL1431CDG4 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Podobny opis - TL1431CDG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com