Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3118D2DAP Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3118D2DAP
Szczegółowy opis  15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2DAP Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA3118D2DAP Datasheet HTML 1Page - Texas Instruments TPA3118D2DAP Datasheet HTML 2Page - Texas Instruments TPA3118D2DAP Datasheet HTML 3Page - Texas Instruments TPA3118D2DAP Datasheet HTML 4Page - Texas Instruments TPA3118D2DAP Datasheet HTML 5Page - Texas Instruments TPA3118D2DAP Datasheet HTML 6Page - Texas Instruments TPA3118D2DAP Datasheet HTML 7Page - Texas Instruments TPA3118D2DAP Datasheet HTML 8Page - Texas Instruments TPA3118D2DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPA3116D2
TPA3118D2
TPA3130D2
www.ti.com
SLOS708B – APRIL 2012 – REVISED MAY 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage, VCC
PVCC, AVCC
–0.3 to 30
V
INPL, INNL, INPR, INNR
–0.3 to 6.3
V
Input voltage, VI
PLIMIT, GAIN / SLV, SYNC
–0.3 to GVDD+0.3
V
AM0, AM1, AM2, MUTE, SDZ, MODSEL
–0.3 to PVCC+0.3
V
Slew rate, maximum(2)
AM0, AM1, AM2, MUTE, SDZ, MODSEL
10
V/msec
Operating free-air temperature, TA
–40 to 85
°C
Operating junction temperature range, TJ
–40 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
Electrostatic discharge: Human body model, ESD
±2
kV
Electrostatic discharge: Charged device model, ESD
±500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
100 k
Ω series resistor is needed if maximum slew rate is exceeded.
THERMAL INFORMATION
TPA3130D2
TPA3118D2
TPA3116D2
DAP
DAP
DAD
THERMAL METRIC(1)
UNITS
1 Layer PCB(2)
2 Layer PCB(3)
Heatsink(4)
32 PINS
32 PINS
32 PINS
θJA
Junction-to-ambient thermal resistance
36
22
14
ψJT
Junction-to-top characterization parameter
0.4
0.3
1.2
°C/W
ψJB
Junction-to-board characterization parameter
5.9
4.8
5.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For the PCB layout please see the TPA3130D2EVM user guide. A 1 layer 90x85mm 1oc PCB was used
(3)
For the PCB layout please see the TPA3130D2EVM user guide. A 2 layer 90x85mm 1oc PCB was used
(4)
The heat sink drawing used for the thermal model data are shown in the application section, size: 14mm wide, 50mm long, 25mm high.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
4.5
26
V
High-level input
VIH
AM0, AM1, AM2, MUTE, SDZ, SYNC, MODSEL
2
V
voltage
Low-level input
VIL
AM0, AM1, AM2, MUTE, SDZ, SYNC, MODSEL
0.8
V
voltage
Low-level output
VOL
FAULTZ, RPULL-UP = 100 kΩ, PVCC = 26 V
0.8
V
voltage
High-level input
IIH
AM0, AM1, AM2, MUTE, SDZ, MODSEL (VI = 2 V, VCC = 18 V)
50
µA
current
TPA3116D2, TPA3118D2
3.2
4
RL(BTL)
Output filter: L = 10 µH, C = 680 nF
TPA3130D2
5.6
8
Minimum load
Ω
Impedance
TPA3116D2, TPA3118D2
1.6
RL(PBTL)
Output filter: L = 10 µH, C = 1 µF
TPA3130D2
3.2
4
Output-filter
Lo
Minimum output filter inductance under short-circuit condition
1
µH
Inductance
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA3116D2 TPA3118D2 TPA3130D2


Podobny numer części - TPA3118D2DAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAPR TI-TPA3118D2DAPR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Podobny opis - TPA3118D2DAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com