Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM319 Arkusz danych(PDF) 7 Page - Linear Technology

Numer części LM319
Szczegółowy opis  Guaranteed Maximum 0.5mV Input Offset Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LM319 Arkusz danych(HTML) 7 Page - Linear Technology

Back Button LM319 Datasheet HTML 3Page - Linear Technology LM319 Datasheet HTML 4Page - Linear Technology LM319 Datasheet HTML 5Page - Linear Technology LM319 Datasheet HTML 6Page - Linear Technology LM319 Datasheet HTML 7Page - Linear Technology LM319 Datasheet HTML 8Page - Linear Technology LM319 Datasheet HTML 9Page - Linear Technology LM319 Datasheet HTML 10Page - Linear Technology LM319 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT119A/LT319A
LM119/LM319
7
119a319afc
TYPICAL APPLICATIONS
5 Microsecond Sample-and-Hold with Zero Hold Step
10-Bit Serial Output A/D Converter
+
1/2 LT119A
5
4
+
1/2 LT119A
9
8
10
12
3
6
–5V
5V
–5V
5V
LT119/319 TA7
5V
LT1004-1.2
PN4250
PN4250
82k
10k
4.7k
1k
1k
20k*
0.1µF
1000µF
2N3904
INPUT
0V TO 3.5V
1N4148
1N4148
1N4148
3.9k
CONVERT
COMMAND
INPUT (TTL)
15k
39k
7
1k
10k*
5V
DATA
OUT
74C04
*1% FILM
POLYSTYRENE, MOUNT
CAPACITORS CLOSE TOGETHER
CONVERSION TIME = 10ms
* = 1%
CAPACITORS ARE POLYSTYRENE MOUNT
IN CLOSE PROXIMITY
11
4
5
+
1/2 LT119A
9
8
10
12
6
15V
–15V
LT119/319 TA8
3k
7
*TRIM FOR ZERO VOLTS OUT
WITH ZERO VOLTS IN
POLYSTYRENE CAPACITOR
3
11
+
+
15V
15V
–15V
5V
10µF
4.7k
12k
10k
3k
2N2907
2N2907
100
240
3k
1N4148
0.003µF
2N4931
2N2907
2N2222
3.3k
9k
20k
10pF
2pF
TO 8pF*
15V
1k
1k
9k
INPUT
1N4148
SAMPLE
HOLD
0V
Q
CLR
PRESET
VS
VOUT
CLK D
74C74
1/2 LT119A


Podobny numer części - LM319

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
LM319 PHILIPS-LM319 Datasheet
111Kb / 5P
   Dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM319 STMICROELECTRONICS-LM319 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Linear Technology
LM319 LINER-LM319 Datasheet
240Kb / 8P
   Dual Comparator
logo
STMicroelectronics
LM319 STMICROELECTRONICS-LM319 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
More results

Podobny opis - LM319

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Analog Devices
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8677 AD-AD8677 Datasheet
290Kb / 16P
   130 uV Maximum Offset Voltage Op Amp in TSOT
REV. 0
logo
Rohm
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Maxim Integrated Produc...
MAX77757HEVKIT360 MAXIM-MAX77757HEVKIT360 Datasheet
795Kb / 9P
   13.7V Maximum Input Operating Voltage
319-100689; Rev 1; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com