Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1-1190029-7 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części 1-1190029-7
Szczegółowy opis  TECHNICAL DATA SHEET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1190029-7 Arkusz danych(HTML) 1 Page - Tyco Electronics

  1-1190029-7 Datasheet HTML 1Page - Tyco Electronics 1-1190029-7 Datasheet HTML 2Page - Tyco Electronics 1-1190029-7 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.idento.com
Document number: TTDS-032
Date: Octobeter 2001
Issue: 1
Pages: 3
Business locations:
N America: + 1 650 361 3860 (West Coast)
Germany: + 49 (0) 6074 89080
UK: + 44 (0) 1495 244000 (Labels)
Japan: + 81 (0) 44 900 5102
N America: + 1 401 751 6505 (East Coast)
France: + 33 (0) 476 099696
UK: + 44 (0) 1793 528171 (Other products)
Singapore: + 65 (0) 4866 151
All the above information, including illustrations, is believed to be reliable.
Users, however, should independently evaluate the suitability of each product for their
application. Tyco Electronics makes no warranties as to the accuracy or completeness of the information and disclaims any liability regarding its use. Tyco Electronics
only obligations are those in the Standard Terms and Conditions of Sale for this product and in no case will Tyco Electronics be liable for any incidental, indirect or
consequential damages arising from the sale, resale, use or misuse of the product. Tyco Electronics Specifications are subject to change without notice. In addition Tyco
Electronics reserves the right to make changes in materials or processing, without notification to the Buyer, which do not affect compliance with any applicable
specification.
TECHNICAL DATA SHEET
RayMark Six labels
MATERIAL DESCRIPTION:
Computer-printable zero halogen label material. Permanent pressure sensitive
acrylic adhesive.
Thermally stabilised white polyester film with special ink
receptive latent cure epoxy coating on the label surface.
After printing, the
surface is heat cured, embedding the image within a tough polymeric layer.
USE:
RayMark Six labels have outstanding abrasion and fluid resistance without the
need for an overlay. Ideal for applications where high performance variable
data labels are needed, for example in defence, marine, rail and aerospace
applications.
Can be used as a wire/cable wraparound marker for substrates
not less than 6mm (0.25 inches) diameter. Not recommended for outdoor use.
PRINT METHOD/RIBBON:
Dot Matrix: Tyco LQ870, Tyco TMS-SYSTEM-SIX-RIBBON-A.
CURING CONDITIONS:
5 minutes at 150ºC (302ºF) in an air circulating oven. Small curing unit with
automatic drive available (“Permatizer”). Curing also possible with hot air gun.
Contact Tyco for details.
SHELF LIFE/STORAGE
CONDITIONS:
Can be stored unopened for 12 months at temperatures not exceeding 35ºC
(95ºF).
Once opened, product should be stored below 25ºC (77ºF) and 80% relative
humidity and used within 6 months.
SERVICE TEMPERATURE:
Wiring marking: -40ºC to +85ºC (-40ºF to +185ºF) continuous.
Panel marking: -40ºC to +105º (-40ºF to +221ºF) continuous.
Excursion Temperature: 200ºC (392ºF) for 2 hours.
INSTALLATION TEMP:
+10
°C to +40°C (+50°F to +104°F).
COLORS:
White.


Podobny numer części - 1-1190029-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
1-1193752-2 PANDUIT-1-1193752-2 Datasheet
131Kb / 2P
   SPLICE, COAXIAL CABLE, ENVIRONMENT RESISTANT
1-1195133-5 PANDUIT-1-1195133-5 Datasheet
130Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICER: Nickel Plated, Color Coded, with Inspection Slots
1-1195133-8 PANDUIT-1-1195133-8 Datasheet
130Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICER: Nickel Plated, Color Coded, with Inspection Slots
1-1195134-7 PANDUIT-1-1195134-7 Datasheet
104Kb / 1P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1
1-1195971-3 PANDUIT-1-1195971-3 Datasheet
107Kb / 1P
   (1 TO 1 SPLICES-CRIMP) SOLDERSHIELD SPLICE KIT, SHIELDED CABLE
More results

Podobny opis - 1-1190029-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com