Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC06XS3517 Arkusz danych(PDF) 1 Page - Freescale Semiconductor, Inc

Numer części MC06XS3517
Szczegółowy opis  Smart High Side Switch Module
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC06XS3517 Arkusz danych(HTML) 1 Page - Freescale Semiconductor, Inc

  MC06XS3517 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Document Number: MC06XS3517
Rev. 2.0, 2/2012
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2012. All rights reserved.
Smart High Side Switch Module
(Triple 6.0 m
 and Dual 17 m)
The 06XS3517 device is a five channel 12 V high side switch
module with integrated control and a high number of protective and
diagnostic functions. It is designed for automotive lighting and
industrial applications. The low RDS(ON) channels (three 6.0 m, two
17 m
) can control different types of lighting applications; bulbs,
Xenon-HID lights, and LEDs. Control, device configuration, and
diagnostics are performed through a 16-bit SPI interface (3.3 V or
5.0 V). When communication with the external microcontroller or VDD
is lost, the device enters a fail-safe operation mode, but remains
operational, controllable, and protected.
The channels are controlled by an external clock signal and allow
staggered switch-on delay, to improve EMC performances.
Programmable output voltage slew rates (individually programmable)
further helps improve EMC performance. To avoid shutting off the
device upon inrush current while still being able to closely track the
load current, a dynamic over-current threshold profile is featured. Load
current in each channel can be sensed. The duty cycle of the channels
can be controlled independently and the switching frequency of each
of them can be doubled. The 06XS3517 is housed in a non-leaded
Power QFN package with an exposed pad.
Features
• Three 6.0 m
 and Two 17 m protected high side switches
• Optional sixth channel with an external SMART MOSFET
• 16-bit SPI communication interface with daisy chain capability
• Accurate temperature & current sensing
• Fail-safe mode including autorestart
• PWM module with programmable switch-on delay and frequency prescaler
• Over-voltage, under-voltage, over-current, over-temperature, and reverse battery protections
• Dedicated bulb over-current protection with inrush current handling
• Sleep mode with low current consumption
• Normal operating range 7.0 V to 20 V, extended operating range 6.0 V - 28 V
Figure 1. 06XS3517 Simplified Application Diagram
HIGH SIDE SWITCH
FKSUFFIX
98ART10511D
24-PIN PQFN
PB FREE
06XS3517
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC06XS3517AFK
-40°C to 125°C
24 PQFN
Bottom View
VBAT
CP
OUT1
OUT2
OUT3
OUT4
OUT5
FETIN
FETOUT
VCC
LIMP
FLASHER
IGN
RSTB
CLOCK
CSB
FOG
SO
SI
SCLK
CSNS
GND
06XS3517
MCU
Watchdog
Smart
Switch
12 V
12 V
5.0 V


Podobny numer części - MC06XS3517

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC06XS3517AFK NXP-MC06XS3517AFK Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
More results

Podobny opis - MC06XS3517

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
06XS3517_V3 FREESCALE-06XS3517_V3 Datasheet
1Mb / 42P
   Smart High Side Switch Module
logo
Fairchild Semiconductor
FDBS09H04A FAIRCHILD-FDBS09H04A Datasheet
1Mb / 19P
   Smart High Side Switch
logo
Bourns Electronic Solut...
FDDS100H06-F085 BOURNS-FDDS100H06-F085 Datasheet
407Kb / 16P
   Smart High Side Switch
logo
Infineon Technologies A...
ITS4141N INFINEON-ITS4141N Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
BTS50040-2SFA INFINEON-BTS50040-2SFA Datasheet
1Mb / 29P
   Smart High-Side Power Switch
V2.0, 2016-02-02
BTS50060-1TEA INFINEON-BTS50060-1TEA_11 Datasheet
1Mb / 39P
   Smart High-Side Power Switch
Rev. 1.2, 2011-09-01
BTS5045-2EKA INFINEON-BTS5045-2EKA_11 Datasheet
1Mb / 54P
   Smart High-Side Power Switch
Rev. 2.1, 2011-09-01
BTS5030-1EJA INFINEON-BTS5030-1EJA Datasheet
2Mb / 53P
   Smart High-Side Power Switch
Rev. 2.2, 2013-09-06
BTS5020-1EKA INFINEON-BTS5020-1EKA Datasheet
2Mb / 55P
   Smart High-Side Power Switch
Rev. 2.2, 2013-11-12
BSP752R INFINEON-BSP752R_07 Datasheet
259Kb / 18P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com