Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D0113MT-25-1302 Arkusz danych(PDF) 3 Page - Newhaven Display International, Inc.

Numer części D0113MT-25-1302
Szczegółowy opis  Vacuum Fluorescent Display Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEWHAVEN [Newhaven Display International, Inc.]
Strona internetowa  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

D0113MT-25-1302 Arkusz danych(HTML) 3 Page - Newhaven Display International, Inc.

  D0113MT-25-1302 Datasheet HTML 1Page - Newhaven Display International, Inc. D0113MT-25-1302 Datasheet HTML 2Page - Newhaven Display International, Inc. D0113MT-25-1302 Datasheet HTML 3Page - Newhaven Display International, Inc. D0113MT-25-1302 Datasheet HTML 4Page - Newhaven Display International, Inc. D0113MT-25-1302 Datasheet HTML 5Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D0113MT-25-1302
Electrical
Characteristics
Item
Symbol
Test Condition
Min.
Typical
Max.
Unit
Filament Current
If
Ef = 4.9 Vac
94.0
104.0
115.0
mAac
-
eb = ec = 0
-
-
-
-
Anode Current
ib/1G~13G
Ef = 4.9 Vac
-
6.5
12.0
mAp-p
-
eb = 25.0 Vp-p
-
-
-
mAp-p
-
ec = 25.0 Vp-p
-
-
-
mAp-p
-
Du = 1/17.5
-
-
-
mAp-p
-
tp = 80 uS
-
-
-
mAp-p
Grid Current
ic / 1G~13G
-
9.0
16.0
MAp-p
-
-
-
MAp-p
-
-
-
-
MAp-p
-
-
-
-
MAp-p
-
-
-
-
MAp-p
L(G)
500
1000
-
cd/m
2
Luminance
-
(146)
(292)
fL
Lmin/Lmax
Luminance Ratio
50
-
-
%
Ef = 4.9 Vac
Grid Cut-off Voltage
Ecco
eb = 25.0 Vdc
-7.0
-
-
Vdc
Ef = 4.9 Vac
Anode Cut-off Voltage
Ebco
ec = 25.0 Vp-p
Du = 1/17.5
-5.0
-
-
Vdc
tp = 80uS
Drive Mode = Dynamic State
-2-


Podobny numer części - D0113MT-25-1302

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
D01131 ETC2-D01131 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01132 ETC2-D01132 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01133 ETC2-D01133 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01135 ETC2-D01135 Datasheet
114Kb / 1P
   Single Coil Spring Washers
D01136 ETC2-D01136 Datasheet
114Kb / 1P
   Single Coil Spring Washers
More results

Podobny opis - D0113MT-25-1302

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Newhaven Display Intern...
D0120SD-20-2004F NEWHAVEN-D0120SD-20-2004F Datasheet
951Kb / 6P
   Vacuum Fluorescent Display Specification
D0220MD-48-4001F NEWHAVEN-D0220MD-48-4001F Datasheet
860Kb / 6P
   Vacuum Fluorescent Display Specification
D0105MT-24-0504N NEWHAVEN-D0105MT-24-0504N Datasheet
164Kb / 5P
   Vacuum Fluorescent Display Specification
D0106LT-43-0601 NEWHAVEN-D0106LT-43-0601 Datasheet
509Kb / 6P
   Vacuum Fluorescent Display Specification
D0111LT-33-1101 NEWHAVEN-D0111LT-33-1101 Datasheet
982Kb / 6P
   Vacuum Fluorescent Display Specification
D0116LY-29-1603 NEWHAVEN-D0116LY-29-1603 Datasheet
460Kb / 6P
   Vacuum Fluorescent Display Specification
D0116SY-20-1601FB NEWHAVEN-D0116SY-20-1601FB Datasheet
712Kb / 7P
   Vacuum Fluorescent Display Specification
D0104MT-24-0503 NEWHAVEN-D0104MT-24-0503 Datasheet
800Kb / 5P
   Vacuum Fluorescent Display Specification
D0120MY-20-2002 NEWHAVEN-D0120MY-20-2002 Datasheet
221Kb / 6P
   Vacuum Fluorescent Display Specification
D0220LD-48-4002F NEWHAVEN-D0220LD-48-4002F Datasheet
255Kb / 6P
   Vacuum Fluorescent Display Specification
D0109MT-20-0901 NEWHAVEN-D0109MT-20-0901 Datasheet
861Kb / 5P
   Vacuum Fluorescent Display Specification
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com