Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D0120MY-20-2002 Arkusz danych(PDF) 2 Page - Newhaven Display International, Inc.

Numer części D0120MY-20-2002
Szczegółowy opis  Vacuum Fluorescent Display Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEWHAVEN [Newhaven Display International, Inc.]
Strona internetowa  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

D0120MY-20-2002 Arkusz danych(HTML) 2 Page - Newhaven Display International, Inc.

  D0120MY-20-2002 Datasheet HTML 1Page - Newhaven Display International, Inc. D0120MY-20-2002 Datasheet HTML 2Page - Newhaven Display International, Inc. D0120MY-20-2002 Datasheet HTML 3Page - Newhaven Display International, Inc. D0120MY-20-2002 Datasheet HTML 4Page - Newhaven Display International, Inc. D0120MY-20-2002 Datasheet HTML 5Page - Newhaven Display International, Inc. D0120MY-20-2002 Datasheet HTML 6Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
October 31, 2006
Vacuum Fluorescent Display
Specification
PART NUMBER:
D0120MY-20-2002
FEATURES: 20 Digits, Alphanumeric
APPLICATION: Character Display (
Alphanumeric)
RATINGS: Below
Panel Length
P.L.
134.0
mm
Outer Dimensions
Panel Height
P.H.
20.5
mm
Panel Thickness
P.T.
6.5
mm
Leads
Lead Pitch
L.P.
2.54
mm
Lead Out
-
SIL
Character Size
Character Height
C.H.
6.5
mm
Character Width
C.W.
3.0
mm
Item
Symbol
Min.
Recommended
Max.
Unit
Filament Voltage
Ef
5.22
5.8
6.38
Vac
Peak Grid Voltage
ec
-
32.0
39.0
Vp-p
Peak Anode Voltage
eb
-
32.0
39.0
Vp-p
Cut-off Bias
Ek
-
-
-
-
Duty
Cycle
Du
-
1/ 24
-
-
Pulse Width
tp
-
100
-
uS
Operating Temperature
Topr
-20
-
+ 70
C
Storage Temperature
Tstg
-55
-
+ 80
C
Color of Illumination
Green
-1-


Podobny numer części - D0120MY-20-2002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Newhaven Display Intern...
D0120MY-29-2001 NEWHAVEN-D0120MY-29-2001 Datasheet
1Mb / 6P
   Vacuum Fluorescent Display Specification
More results

Podobny opis - D0120MY-20-2002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Newhaven Display Intern...
D0120SD-20-2004F NEWHAVEN-D0120SD-20-2004F Datasheet
951Kb / 6P
   Vacuum Fluorescent Display Specification
D0220MD-48-4001F NEWHAVEN-D0220MD-48-4001F Datasheet
860Kb / 6P
   Vacuum Fluorescent Display Specification
D0105MT-24-0504N NEWHAVEN-D0105MT-24-0504N Datasheet
164Kb / 5P
   Vacuum Fluorescent Display Specification
D0106LT-43-0601 NEWHAVEN-D0106LT-43-0601 Datasheet
509Kb / 6P
   Vacuum Fluorescent Display Specification
D0111LT-33-1101 NEWHAVEN-D0111LT-33-1101 Datasheet
982Kb / 6P
   Vacuum Fluorescent Display Specification
D0116LY-29-1603 NEWHAVEN-D0116LY-29-1603 Datasheet
460Kb / 6P
   Vacuum Fluorescent Display Specification
D0116SY-20-1601FB NEWHAVEN-D0116SY-20-1601FB Datasheet
712Kb / 7P
   Vacuum Fluorescent Display Specification
D0104MT-24-0503 NEWHAVEN-D0104MT-24-0503 Datasheet
800Kb / 5P
   Vacuum Fluorescent Display Specification
D0220LD-48-4002F NEWHAVEN-D0220LD-48-4002F Datasheet
255Kb / 6P
   Vacuum Fluorescent Display Specification
D0109MT-20-0901 NEWHAVEN-D0109MT-20-0901 Datasheet
861Kb / 5P
   Vacuum Fluorescent Display Specification
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com