Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D00409-000 Arkusz danych(PDF) 10 Page - Tyco Electronics

Numer części D00409-000
Szczegółowy opis  RAYCHEM Tubing Products
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

D00409-000 Arkusz danych(HTML) 10 Page - Tyco Electronics

Back Button D00409-000 Datasheet HTML 6Page - Tyco Electronics D00409-000 Datasheet HTML 7Page - Tyco Electronics D00409-000 Datasheet HTML 8Page - Tyco Electronics D00409-000 Datasheet HTML 9Page - Tyco Electronics D00409-000 Datasheet HTML 10Page - Tyco Electronics D00409-000 Datasheet HTML 11Page - Tyco Electronics D00409-000 Datasheet HTML 12Page - Tyco Electronics D00409-000 Datasheet HTML 13Page - Tyco Electronics D00409-000 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
1-118
RAYCHEM Tubing Products
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
SST/SST-FR (Continued)
Product Dimensions
Inside Diameter
Wall Thickness
Recommended
Standard
Minimum
Maximum
Nominal Wall
Cable
Size†
Nominal
Expanded
Recovered
Expanded
After
Range for
Length
as Supplied
After Heating
Heating††
600-Volt Cable
SST*-03
30**, 48
0.300
0.100
0.025
0.070
18 through 14 AWG
SST*-04
30**, 48
0.400
0.150
0.025
0.070
14 through 10 AWG
SST*-07
48
0.750
0.220
0.030
0.095
8 through 1 AWG
SST*-11
48
1.100
0.375
0.040
0.120
2 through 4/0 AWG
SST*-13
48
1.300
0.375
0.035
0.120
2 through 4/0 AWG
SST*-15
48
1.500
0.500
0.050
0.140
2/0 AWG through 500 MCM
SST*-17
48
1.700
0.500
0.045
0.140
2/0 AWG through 500 MCM
SST*-20
48
2.000
0.750
0.050
0.160
350 MCM through 1000 MCM
SST*-27
48
2.700
0.900
0.050
0.160
500 MCM through 1250 MCM
SST*-30
48
3.000
1.250
0.050
0.160
900 MCM through 1500 MCM
SST*-40
48
4.000
1.750
0.050
0.160
1500 MCM through 2500 MCM
SST*-45
48
4.500
1.750
0.050
0.160
1500 MCM through 2500 MCM
†In place of asterisk* substitute length of tubing to be ordered. For example, SST*-11, as the second column indicates, comes
in 48-inch lengths, so a 48-inch cut piece of SST tubing would be SST 48-11.
††Wall thickness will be less if tubing recovery is restricted during shrinkage.
**30-inch length standard for /226 coating only.
Color
Standard
Black
Nonstandard
White, Red, Yellow and Clear (Clear is non-flame-retardant)
Size selection
Always order the largest size that will shrink snugly over the component to be covered.
Special order sizes are available upon request.
Standard packaging
See Product Dimensions table.
Ordering description
Specify product name, cut length, size and color (for example, SST 48-07/FR/97).
Ordering Information
Part Numbering System
“NM” - no marking
Color
Black/leave blank (standard)
White/WHT
Red/RED
Yellow/YLW
Clear/CL (non-flame retardant)
Adhesive/sealant
/97 standard with FR
/226 standard with Non FR
“FR” - flame-retardant
Size
Length in inches (48 inch max)
Family
SST - _ - _ / _ / _ / _ / _
Example: SST-48-07/FR/97/NM


Podobny numer części - D00409-000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
D00409-000 MACOM-D00409-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
More results

Podobny opis - D00409-000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com