Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD3672 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDD3672
Szczegółowy opis  N-Channel UltraFET Trench MOSFET 100V, 44A, 28m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3672 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDD3672_11 Datasheet HTML 1Page - Fairchild Semiconductor FDD3672_11 Datasheet HTML 2Page - Fairchild Semiconductor FDD3672_11 Datasheet HTML 3Page - Fairchild Semiconductor FDD3672_11 Datasheet HTML 4Page - Fairchild Semiconductor FDD3672_11 Datasheet HTML 5Page - Fairchild Semiconductor FDD3672_11 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDD3672_F085 Rev. C
5
www.fairchildsemi.com
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On-Resistance
Variation vs Gate to Source Voltage
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics
110
100
300
0.1
1
10
100
200
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TC = 25
o
C
DC
0.001
0.01
0.1
1
10
100
1
10
100
STARTING TJ = 150
oC
STARTING TJ = 25
oC
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0
20
40
60
80
TJ = -55
oC
TJ = 25
oC
TJ = 175
oC
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VDD = 5V
VGS, GATE TO SOURCE VOLTAGE (V)
01
23
45
0
20
40
60
80
VGS = 5V
VGS = 6V
VGS = 7V
VGS = 8V
VGS = 10V
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
56
7
8
9
10
0
20
40
60
80
100
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25
oC
TJ = 175
oC
ID = 44A
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
-80
-40
0
40
80
120
160
200
0.6
1.0
1.5
2.0
2.5
3.0
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
ID = 44A
VGS = 10V
TJ, JUNCTION TEMPERATURE(
oC)


Podobny numer części - FDD3672_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
More results

Podobny opis - FDD3672_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672 Datasheet
233Kb / 11P
   N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
FDB3672 FAIRCHILD-FDB3672_09 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
MagnaChip Semiconductor...
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
logo
Fairchild Semiconductor
FDMS3672 FAIRCHILD-FDMS3672 Datasheet
252Kb / 7P
   N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm
FDMC2674 FAIRCHILD-FDMC2674_07 Datasheet
228Kb / 7P
   N-Channel UltraFET Trench MOSFET 220V, 7.0A, 366m廓
FDA2712 FAIRCHILD-FDA2712 Datasheet
353Kb / 8P
   N-Channel UltraFET Trench MOSFET 250V, 64A, 34m廓
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com