Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS-12-452 Arkusz danych(PDF) 8 Page - FCI connector

Numer części GS-12-452
Szczegółowy opis  ZipLine Connector System
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI-CONNECTOR [FCI connector]
Strona internetowa  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-452 Arkusz danych(HTML) 8 Page - FCI connector

Back Button GS-12-452 Datasheet HTML 4Page - FCI connector GS-12-452 Datasheet HTML 5Page - FCI connector GS-12-452 Datasheet HTML 6Page - FCI connector GS-12-452 Datasheet HTML 7Page - FCI connector GS-12-452 Datasheet HTML 8Page - FCI connector GS-12-452 Datasheet HTML 9Page - FCI connector GS-12-452 Datasheet HTML 10Page - FCI connector GS-12-452 Datasheet HTML 11Page - FCI connector GS-12-452 Datasheet HTML 12Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NUMBER
GS-12-452
TYPE
PRODUCT SPECIFCATION
TITLE
PAGE
REVISION
8 of 13
C
AUTHORIZED BY
DATE
ZipLineTM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
7.5
Vibration
Perform in accordance with Telcordia GR-1217-CORE, sections 6.3.5 and 9.1.2.1. The following details
shall apply:
a. Vibration amplitude: 1.5 mm (0.06 inch) double amplitude or 10G acceleration
b. Frequency range: 10 to 500 to 10 Hz
c. Sweep time: 15 minutes per cycle
d. Duration: 8 hours along each of three orthogonal axes (24 hours total)
e. Mounting: rigidly mounted assemblies
f.
No discontinuities greater than 1 micro-second (requirement of signal connectors only)
7.6
Mechanical Shock
Perform in accordance with Telcordia GR-1217-CORE, sections 6.3.5 and 9.1.2.1. The following details
shall apply:
a. Amplitude: half sine 30G
b. Duration: 11 milliseconds
c. Number of shocks: 3 shocks in each direction along each of three orthogonal axis (18 total)
d. Mounting: rigidly mounted assemblies
e. Take resistance measurements after shock in each axis
f.
No discontinuities greater than 1 micro-second (required of signal connectors only)
7.7
Durability
Perform in accordance with EIA 364-09C. Use standard laboratory procedure as applicable to the
specific product. The following details shall apply:
a. Number of cycles: See Table 1 (200 total mating cycles)
b. Cycling rate: 12.5 cm (5 inches) per minute
7.8
Dust Contamination
Perform in accordance with Telcordia GR-1217-CORE, section 9.1.1.1 & Table 9-1. Samples shall be
subjected to a one-hour dust exposure using a benign dust composition as specified in Table 9-1 of
Telcordia GR-1217-CORE, November 1995.
Un-mated backpanel connectors alone shall be subjected to dust exposure.
7.9
Disturb
Perform in accordance with Telcordia GR-1217-CORE, section 9.1.3.3 paragraph 7. The mated
connectors shall be subjected to an interface disturbance that consists of slightly unmating the sample
approximately 0.10 mm (0.004 inch). The sample is then reseated and measurements are made.
PDM: Rev:C
Released
.
STATUS:
Printed: Nov 28, 2010


Podobny numer części - GS-12-452

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FCI connector
GS-12-497 FCI-CONNECTOR-GS-12-497 Datasheet
269Kb / 8P
   SD CARD CONNECTOR
More results

Podobny opis - GS-12-452

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com