Zakładka z wyszukiwarką danych komponentów |
|
D01425-000 Arkusz danych(PDF) 3 Page - Tyco Electronics |
|
D01425-000 Arkusz danych(HTML) 3 Page - Tyco Electronics |
3 / 48 page 88 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 WP White polyester labels Thermal Transfer Ordering information Tyco Electronics WP is a thermal transfer printable white polyester film with a permanent acrylic adhesive. It is ideal for bar coding, PCB and component labeling, as well as general purpose labeling applications that require a high durability white label. WP is resistant to a variety of solvents while maintaining print quality. It is UL Listed and print performance and durability are reliable when used with Tyco Electronics 1330-0607 ribbon. Features and benefits I Thermal transfer printable I Excellent for use in PCB component labeling I Ink receptive topcoat I Excellent for bar code applications I UL Listed Specifications/approvals Tyco Electronics TTDS -073 Industry UL MH17292 Group PGJI2 Adhesive Permanent acrylic Service temperature –40°C to +150°C –40°F to +302°F Recommended printer T300 Series printers Recommended ribbon 1330-0607-10* *Alternative printers and ribbons are available for special applications. Contact Tyco Electronics Identification for more information. WP- 040040-10- 9 Part numbering system Color Pack size Label height (mm) Label width (mm) Product family Product dimensions Product Package Labels Label width (A) Label height (B) Horizontal repeat (C) Vertical repeat (D) Web width (E) order code quantity across mm inches mm inches mm inches mm inches mm inches WP-040040-25-9 25,000 20 4.0 0.157 4.0 0.157 4.0 0.157 7.2 0.281 86.0 3.380 WP-064064-25-9 25,000 12 6.4 0.250 6.4 0.250 6.4 0.250 9.5 0.375 82.2 3.240 * WP-080080-10-9 10,000 8 8.0 0.315 8.0 0.315 9.9 0.390 13.3 0.525 83.3 3.280 WP-089047-10-9 10,000 5 8.9 0.350 4.7 0.185 11.4 0.450 7.9 0.313 60.6 2.386 WP-095080-25-9 25,000 5 9.5 0.375 8.0 0.315 12.2 0.480 12.7 0.500 64.3 2.531 WP-095095-10-9 10,000 7 9.5 0.375 9.5 0.375 11.1 0.437 12.7 0.500 82.1 3.230 ** N NO OT TE E:: S Stta an nd da arrd d F Fo orrm ma att N No ott C Co om mp pa attiib blle e w wiitth h T T2 20 00 0 P Prriin ntte errss |
Podobny numer części - D01425-000 |
|
Podobny opis - D01425-000 |