Zakładka z wyszukiwarką danych komponentów |
|
SS13H Arkusz danych(PDF) 2 Page - Frontier Electronics. |
|
SS13H Arkusz danych(HTML) 2 Page - Frontier Electronics. |
2 / 2 page SS12H THRU SS110H Page: 2 RATINGS AND CHARACTERISTIC CURVE SS12H THRU SS110H FIG. 3A - TYPICAL REVERSE CHARACTERISTICS 100 10 1.0 .10 .01 .001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 100 10 1.0 .10 .01 .001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) TJ=25℃ SS15H~110H FIG. 3B - TYPICAL REVERSE CHARACTERISTICS FIG. 1 - FORWARD CURRENT DERATING CURVE 1.00 0.75 0.50 0.25 0 0 20 40 60 80 100 120 140 SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD LEAD TEMPERATURE, ℃ FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10 1.0 0.1 .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1 INSTANTANEOUS FORWARD VOLTAGE, VOLTS TJ=25℃ PULSE WIDTH=300us 1% DUTY CYCLE SS17H~110H SS15H~16H SS12H~14H TJ=125 ℃ TJ=75 ℃ TJ=25 ℃ SS12H~14H TJ=150℃ TJ=75℃ TJ=125℃ |
Podobny numer części - SS13H |
|
Podobny opis - SS13H |